Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIR12N60FG Datasheet(PDF) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

No. de pieza FIR12N60FG
Descripción Electrónicos  Advanced N-Ch Power MOSFET-G
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Página de inicio  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR12N60FG Datasheet(HTML) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR12N60FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR12N60FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR12N60FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR12N60FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR12N60FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR12N60FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR12N60FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain -Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
600
--
--
V
VDS=600V VGS=0V
--
--
1
µA
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
--
--
±100
nA
Gate Threshold Voltage
VGS(th)
VGS= VDS, ID=250µA
2.0
--
4.0
V
Static Drain- Source
On State Resistance
RDS(on)
VGS=10V, ID=6.0A
--
0.55
0.75
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHz
---
1980
---
pF
Output Capacitance
Coss
--
170
--
Reverse Transfer Capacitance
Crss
--
12
--
Turn-on Delay Time
td(on)
VDD=300V, ID=12A ,
RG=25Ω
(Note 2,3)
--
37.0
--
ns
Turn-on Rise Time
tr
--
71.67
--
Turn-off Delay Time
td(off)
--
80.0
--
Turn-off Fall Time
tf
--
43.67
--
FIR12N60FG
Characteristics
Symbol
Ratings
Unit
Thermal Resistance, Junction-to-Case
RθJC
2.97
°C/W
Thermal Resistance, Junction-to-Ambient
RθJA
120
°C/W
Thermal Characteristics
Electrical Characteristics (Ta = 25
oC
)
unless otherwise noted
Total Gate Charge
Qg
VDS=480V, ID=12A,
VGS=10V
(Note 2,3)
--
24.35
--
nC
Gate-Source Charge
Qgs
--
7.79
--
Gate-Drain Charge
Qgd
--
7.34
--
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Continuous Source Current
IS
Integral Reverse P-N Junction
Diode in the MOSFET
--
--
12
A
Pulsed Source Current
ISM
--
--
48
Diode Forward Voltage
VSD
IS=12A,VGS=0V
--
--
1.5
V
Reverse Recovery Time
Trr
IS=12A,VGS=0V,
dIF/dt=100A/µS(Note2)
--
574
--
ns
Reverse Recovery Charge
Qrr
--
5.40
--
µC
Notes:
1.
L=30mH, IAS=6.0A, VDD=80V, RG=25Ω, starting TJ=25°C;
2.
Pulse Test: Pulse widt
h ≤300μs,Duty cycle≤2%;
3.
Essentially independent of operating temperature.
Source-Drain Diode Ratings And Characteristics
VGS=0V, ID=250µA
600
--
--
V
C,
25
C,
125
Drain-Source Leakage Current
IDSS
VDS=600V VGS=0V
--
--
50
µA
VDS=600V VGS=0V
--
--
100
µA
C,
25
C,
125
C,
150
www.First-semi.com
Page 2/7


Número de pieza similar - FIR12N60FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Foster Semicon...
FIR12N65FG FOSTER-FIR12N65FG Datasheet
2Mb / 7P
   Advanced N-Ch Power MOSFET-G
More results

Descripción similar - FIR12N60FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Foster Semicon...
FIR10N60FG FOSTER-FIR10N60FG Datasheet
2Mb / 7P
   Advanced N-Ch Power MOSFET-G
FIR12N65FG FOSTER-FIR12N65FG Datasheet
2Mb / 7P
   Advanced N-Ch Power MOSFET-G
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com