Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32911R3DN Datasheet(PDF) 23 Page - Nuvoton Technology Corporation

No. de pieza N32911R3DN
Descripción Electrónicos  ARM926-based Media Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32911R3DN Datasheet(HTML) 23 Page - Nuvoton Technology Corporation

Back Button N32911R3DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32911R3DN Datasheet HTML 27Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
23
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
KPI_SI[0]
KPI Scan In Bit 0
SPDATA[0]
Sensor Interface Data Bit 0, Input
GPC[8]
GPIO Port C Bit 8
LVDATA[9]
IOU
LCD Interface Data Bit 9
KPI_SI[1]
KPI Scan In Bit 1
SPDATA[1]
Sensor Interface Data Bit 1, Input
GPC[9]
GPIO Port C Bit 9
LVDATA[10]
IOU
LCD Interface Data Bit 10
KPI_SI[2]
KPI Scan In Bit 2
SPDATA[2]
Sensor Interface Data Bit 2, Input
GPC[10]
GPIO Port C Bit 10
LVDATA[11]
IOU
LCD Interface Data Bit 11
KPI_SI[3]
KPI Scan In Bit 3
SPDATA[3]
Sensor Interface Data Bit 3, Input
GPC[11]
GPIO Port C Bit 11
LVDATA[12]
IOU
LCD Interface Data Bit 12
KPI_SI[4]
KPI Scan In Bit 4
SPDATA[4]
Sensor Interface Data Bit 4, Input
GPC[12]
GPIO Port C Bit 12
LVDATA[13]
IOU
LCD Interface Data Bit 13
KPI_SI[5]
KPI Scan In Bit 5
SPDATA[5]
Sensor Interface Data Bit 5, Input
GPC[13]
GPIO Port C Bit 13
LVDATA[14]
IOU
LCD Interface Data Bit 14
KPI_SI[6]
KPI Scan In Bit 6
SPDATA[6]
Sensor Interface Data Bit 6, Input
GPC[14]
GPIO Port C Bit 14
LVDATA[15]
IOU
LCD Interface Data Bit 15
KPI_SI[7]
KPI Scan In Bit 7
SPDATA[7]
Sensor Interface Data Bit 7, Input


Número de pieza similar - N32911R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32911R3DN NUVOTON-N32911R3DN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
More results

Descripción similar - N32911R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
N3291XUXDN NUVOTON-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com