Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32721R3DN Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

No. de pieza N32721R3DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32721R3DN Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button N32721R3DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32721R3DN Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
N3291xUxDN Data Sheet
- 8 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
16-bit stereo DAC supported with headphone driver output.
H/W volume control supported.
Built-in PLL for supporting various sampling rate.
I2S Controller
I2S interface supported to connect external audio codec.
16/18/20/24-bit data format supported.
Storage Interface Controller
Interface to NAND Flash:
8-bit data bus width supported.
SLC and MLC type NAND Flash supported.
512B, 2KB, 4KB, and 8KB page size NAND Flash supported.
ECC4, ECC8, ECC12, ECC15 and ECC24 algorithm supported for ECC generation,
error detection and error correction.
Interface to SD/MMC/SDIO/SDHC/micro-SD cards supported.
SD-to-NAND flash bridge supported.
DMA function supported to accelerate the data transfer between system memory and
NAND Flash or SD/MMC/SDIO/SDHC/micro-SD.
USB Device Controller
USB2.0 HS (High-Speed) x 1 port.
6 configurable endpoints supported.
Control, Bulk, Interrupt and Isochronous transfers supported.
Suspend and remote wakeup supported.
USB Host Controller
USB1.1 Host x 2 ports.
Fully compliant with USB Revision 1.1 specification.
Open Host Controller Interface (OHCI) Revision 1.0 compatible.
Full-speed (12Mbps) and low-speed (1.5Mbps) USB devices supported.
Control, Bulk, Interrupt and Isochronous transfers supported.
Timer & Watch-Dog Timer
Two 32-bit with 8-bit pre-scalar timers supported.
One programmable 24-bit Watch-Dog Timer supported.
PWM
4 PWM channel outputs supported.
16-bit counter supported for each PWM channel.
Two 8-bit pre-scalars supported and each pre-scalar shared by two PWM channels.
Two clock-dividers supported and each divider shared by two PWM channels.
Two Dead-Zone generators supported and each generator shared by two PWM channels.
Auto reloaded mode and one-shot pulse mode supported.
Capture function supported.


Número de pieza similar - N32721R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32721R3DN NUVOTON-N32721R3DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32721R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com