Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32913U3DN Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

No. de pieza N32913U3DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32913U3DN Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button N32913U3DN Datasheet HTML 3Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32913U3DN Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
N3291xUxDN Data Sheet
- 7 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
Video Decoder
Support H.264 AVC baseline profile level-3 and compliant with ISO/IEC 14496-10 visual
standard, SVGA (800x600) @ 30fps.
Support MPEG-4 part-II simple profile level-3 decoder and compliant with ISO/IEC 14496-
2 visual standard, SVGA (800x600) @ 30fps.
Support H.263 P3 decoder, SVGA (800x600) @ 30fps.
Support Sorenson Spark decoder, D1 (720x480) @ 30fps.
Support real-time 30fps video decompression and resolution can up to 720×480.
Error resilience: Slice Resynchronization, Data Partitioning and Reversible VLC.
VPOST
8/16/18/24-bit SYNC type and 8/9/16/18/24-bit MPU type TFT LCD supported.
Color format supported:
YCbCr422, RGB565, RGB555, and RGB888 color formats supported for data in.
YCbCr422, RGB565, RGB555, and RGB888 color formats supported for data out.
XGA (1024x768), SVGA (800x600), WVGA (800x480), D1 (720X480), VGA (640x480),
WQVGA (480x272), QVGA (320x240) and HVGA (320x480) resolution supported.
The maximum resolution is up to D1 (720X480) for TV output.
The maximum resolution is up to 1024X768 for TFT LCD panel.
Display scaler – to fit different size of LCD panels.
Horizontal: At most 4.0x scale.
Vertical: At most 3.0x scale.
For SYNC type LCD:
For 8-bit bus
CCIR601 YCbCr422 packet mode (NTSC/PAL) supported.
CCIR601 RGB Dummy mode (NTSC/PAL) supported.
CCIR656 interface supported.
RGB Through mode supported.
For 16/18/24-bit bus
Parallel pixel data output mode (1-pixel/1-clock).
NTSC/PAL interlace & non-interlace output supported.
Color format transform supported:
Color format transform between YCbCr422 and RGB565.
Color format transform from YCbCr422 to RGB888.
TV encoder supported.
Dual screen, outputs to TV and LCDwith same content, supported.
LCD panel should be 320X240 MPU-type, or 8-bit SYNC-type LCD panel with TV
timing
Notch filter for NTSC supported to remove the rainbow color effect.
Support OSD function to overlap system information like battery life, brightness tuning,
volume tuning or muting, etc.
SPU (Sound Processing Unit)
7-bit volume control supported.
5-bit pan control supported.
10-band equalizer supported.
13-bit DFA supported for source sampling rate control.
Audio DAC


Número de pieza similar - N32913U3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32913U3DN NUVOTON-N32913U3DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32913U3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com