Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32004R6DN Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

No. de pieza N32004R6DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32004R6DN Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button N32004R6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32004R6DN Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
N3291xUxDN Data Sheet
- 9 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
UART
A high speed UART supported:
Baud rate is up to 1M bps.
4 signals TX, RX, CTS and RTS supported.
A normal UART supported:
Baud rate is up to 115.2K bps.
2 signals TX and RX supported only.
SPI
Two SPI interfaces are supported.
Both master and slave mode are supported in SPI interface 0.
Only master mode is supported in SPI interface 1.
Byte transfer with configurable stop interval supported.
I2C
One I2C channel supported.
Compatible with Philips’s I2C standard and only master mode supported.
Multi-master operation supported.
Advanced Interrupt Controller
Total 32 interrupt source supported.
Configurable interrupt type:
Low-active level triggered interrupt.
High-active level triggered interrupt.
Low-active edge (falling edge) triggered interrupt.
High-active edge (rising edge) triggered interrupt.
Individual interrupt mask bit for each interrupt source.
8 different priority levels supported.
Daisy-chain priority mechanism supported for interrupts with same priority level.
Low priority interrupt automatic masking supported for interrupt nesting.
RTC
Independent power plane supported
Dual clock source are supported, accurate 32.768 KHz crystal oscillation circuit and built-
in coarse 32KHz RC-oscillator.
Time counter (second, minute, hour) and Calendar counter (day, month, year) supported.
Alarm supported (second, minute, hour, day, month and year).
12/24-hour mode and Leap year supported.
Alarm to wake chip up from Standby mode or from Power-down mode supported.
Wake chip up from Power-down mode by input pin supported.
Power-off chip by register setting supported.
Power-on timeout is supported for low battery protection.
GPIO
88 programmable general purpose I/Os supported and separated into 5 groups.
Individual configuration supported for each I/O signal.
Configurable interrupt control functions supported.
Configurable de-bounce circuit supported for interrupt function.


Número de pieza similar - N32004R6DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32004R6DN NUVOTON-N32004R6DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32004R6DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com