Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32705R6DN Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

No. de pieza N32705R6DN
Descripción Electrónicos  ARM926-based Media Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32705R6DN Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button N32705R6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32705R6DN Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
9
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Audio DAC
16-bit stereo DAC supported with headphone driver output
H/W volume control supported
I2S Controller
I2S interface supported to connect external audio codec
16/18/20/24-bit data format supported
Storage Interface Controller
Interface to NAND Flash:
8-bit data bus width supported
SLC and MLC type NAND Flash supported
512B, 2KB, 4KB, and 8KB page size NAND Flash supported
ECC4, ECC8, ECC12 and ECC15 algorithm supported for ECC generation, error
detection and error correction
PBA-NAND flash supported
Interface to SD/MMC/SDIO/SDHC/micro-SD cards supported
SD-to-NAND flash bridge supported
DMA function supported to accelerate the data transfer between system memory and
NAND Flash or SD/MMC/SDIO/SDHC/micro-SD
USB Device Controller
USB2.0 HS (High-Speed) x 1 port
6 configurable endpoints supported
Control, Bulk, Interrupt and Isochronous transfers supported
Suspend and remote wakeup supported
USB Host Controller
USB1.1 Host one H/W Engine, two pin locations.
Fully compliant with USB Revision 1.1 specification
Open Host Controller Interface (OHCI) Revision 1.0 compatible
Full-speed (12Mbps) and low-speed (1.5Mbps) USB devices supported
Control, Bulk, Interrupt and Isochronous transfers supported
Timer & Watch-Dog Timer
Two 32-bit with 8-bit pre-scalar timers supported
One programmable 24-bit Watch-Dog Timer supported
PWM
4 PWM channel outputs supported
16-bit counter supported for each PWM channel
Two 8-bit pre-scalars supported and each pre-scalar shared by two PWM channels
Two clock-dividers supported and each divider shared by two PWM channels
Two Dead-Zone generators supported and each generator shared by two PWM channels
Auto reloaded mode and one-shot pulse mode supported
Capture function supported
UART
A high speed UART supported:
Baud rate is up to 1M bps
4 signals TX, RX, CTS and RTS supported


Número de pieza similar - N32705R6DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32705R6DN NUVOTON-N32705R6DN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
More results

Descripción similar - N32705R6DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
N3291XUXDN NUVOTON-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com