Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32728U7DN Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

No. de pieza N32728U7DN
Descripción Electrónicos  ARM926-based Media Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32728U7DN Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button N32728U7DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32728U7DN Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
11
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Maximum 25MHz input clock supported
Maximum 400K/s conversion rate supported
LVR (Low Voltage Reset) supported
Power Management
Advanced power management including Power Down, Deep Standby, CPU Standby, and
Normal Operating modes
Normal Operating Mode
Core power is 1.8V and chip is in normal operation
CPU Standby Mode
Core power is 1.8V and only ARM CPU clock is turned OFF
Deep Standby Mode
Core power is 1.8V and all IP clocks are turned OFF
Power Down Mode
Only the RTC power is ON. Other 3.3V and 1.8V power are OFF
Software Support
Development Tools
Bootloader / Diagnostic Program / NAND Writer Program: ADS 1.2 or RVDS 2.x or 3.x
Linux Kernel (2.6.17.14) / System Manager: GCC 4.2
TurboWriter / Sync Tool: Microsoft VC 6.0
NAND Flash File System
FAT12, FAT16 and FAT32 with long filename are supported
Hidden disk is supported
RAM disk is supported
S/W audio Library
Decoders with ADPCM / MP3 / ACC / OGG / WMA format support
32-polyphony Wavetable MIDI synthesizer
Programmable sampling rate and target bit rate
USB Driver
MS (Mass Storage) Class
HID (Human Interface Device) Class
Operating Voltage
I/O: 3.3V
Core: 1.8V for 200MHz
Package
LQFP-128 (MCP, stacked with DDR @ 1.8V and SDR @ 1.8V)


Número de pieza similar - N32728U7DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32728U7DN NUVOTON-N32728U7DN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
More results

Descripción similar - N32728U7DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
N3291XUXDN NUVOTON-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com