Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32017U9DN Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

No. de pieza N32017U9DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32017U9DN Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button N32017U9DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
N3291xUxDN Data Sheet
- 13 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
4. PIN DESCRIPTION
4.1 Pin Description
PIN NAME
I/O
TYPE
DESCRIPTION
Clock & Reset
XIN
I
27MHz/12MHz Crystal Input
XOUT
O
27MHz/12MHz Crystal Output
RST_
IOSU
System Reset, Input, Low Active
Watch-Dog Reset, Output, Low Active
JTAG Interface
TCK
IOD
JTAG Interface Test Clock, Input
SPI1_CS1_
SPI Port 1 Device Select 1, Output, Low Active
PWM0
PWM Channel 0
GPD[0]
GPIO Port D Bit 0
TMS
IOU
JTAG Interface Test Mode Select, Input
HUR_TXD
High-Speed UART TX Data, Output
PWM1
PWM Channel 1
S2PCLK
CMOS Camera Module Port 2 PCLK Signal
GPD[1]
GPIO Port D Bit 1
TDI
IOU
JTAG Interface Test Data In, Input
HUR_RXD
High-Speed UART RX Data, Input
PWM2
PWM Channel 2
S2CLKO
CMOS Camera Module Port 2 MCLK Signal
GPD[2]
GPIO Port D Bit 2
TDO
IOU
JTAG Interface Test Data Out, Output
HUR_CTS
High-Speed UART Clear-To-Send, Input, Low Active
PWM3
PWM Channel 3


Número de pieza similar - N32017U9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32017U9DN NUVOTON-N32017U9DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32017U9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com