Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-7611 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-7611
Descripción Electrónicos  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7611 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-7611 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMOS/TTL Compatible, Low
Input Current, High Speed,
High CMR Optocoupler
Technical Data
HCPL-7601
HCPL-7611
Features
• Low Input Current Version
of HCPL-2601/11 and 6N137
• Wide Input Current Range:
IF = 2 mA to 10 mA
• CMOS/TTL Compatible
• Guaranteed Switching
Threshold: IF = 2 mA (max.)
• Internal Shield for High
Common Mode Rejection
(CMR)
HCPL-7601: 5,000 V/
µs
(Typical) at VCM = 50 V,
IF = 4 mA
HCPL-7611: 15,000 V/
µs
(Typical) at VCM = 1000 V,
IF = 4 mA
• High Speed: 10 Mbd
Typical
• Guaranteed ac and dc
Performance over
Temperature: -40
°C to 85°C
• IEC/EN/DIN EN 60747-5-2
Approval: VIORM = 600 VRMS
• UL Recognized: 3750 VRMS,
1 minute
• CSA Accepted
• Low Supply Current
Requirement
• Low TPSK: 40 ns
Guaranteed
• Lead-Free Option “-000E”
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component’s
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
• Digital Isolation for A/D,
D/A Conversion
• Switching Power Supply
• Instrument Input/Output
Isolation
• Ground Loop Elimination
• Pulse Transformer
Replacement
Applications
• Isolated Line Receiver
• Simplex/Multiplex Data
Transmission
• Programmable Logic
Controllers
• Computer-Peripheral
Interface
• Microprocessor System
Interface
Schematic
HCPL-7601/11 SHIELD
8
6
5
2+
3-
VF
USE OF A 0.1 µF BYPASS CAPACITOR
CONNECTED BETWEEN PINS 5 AND 8
IS REQUIRED (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H


Número de pieza similar - HCPL-7611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
More results

Descripción similar - HCPL-7611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137-500E AVAGO-6N137-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-020 AVAGO-HCPL-2630-020 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13