Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-0454 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HCPL-0454 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 20 page 2 features make the HCPL-4504 series an excellent solution to IPM inverter dead time and other switching problems. The CTR, propagation delay, and CMR are specified both for TTL and IPM conditions which are provided for ease of application. These single channel, diode-transistor opto- couplers are available in 8-Pin DIP, SO-8, and Widebody Schematic Selection Guide Standard 8-Pin White Mold 8-Pin Widebody Package Type DIP (300 Mil) DIP (300 Mil) Small Outline SO8 (400 Mil) Part Number HCPL-4504 HCPL-J454 HCPL-0454 HCNW4504 IEC/EN/DIN EN VIORM = 630 Vpeak VIORM = 891 Vpeak VIORM = 560 Vpeak VIORM = 1414 Vpeak 60747-5-2 (Option 060) (Option 060) Approval Ordering Information Specify Part number followed by Option Number (if desired) Example HCPL-4504 #XXXX 020 = UL 5000 Vrms/1minute Option* for HCPL-4504 Only. 060 = IEC/EN/DIN EN 60747-5-2 Option* for HCPL-4504/0454. 300 = Gull-Wing Lead Option for HCPL-4504/J454, HCNW4504. 500 = Tape and Reel Packaging Option. XXXE = Lead Free Option Option data sheets available. Contact Agilent sales representative or authorized distributor for information. *Combination of Option 020 and Option 060 is not available. Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “-” package configurations. An insulating layer between a LED and an integrated photodetector provide electrical insulation between input and output. Separate connections for the photodiode bias and output- transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base collector capacitance. IF SHIELD 8 6 5 GND VCC 2 3 VO ICC VF IO ANODE CATHODE + – |
Número de pieza similar - HCPL-0454 |
|
Descripción similar - HCPL-0454 |