Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD216A-B140L Datasheet(PDF) 7 Page - Bourns Electronic Solutions

No. de pieza CD216A-B140L
Descripción Electrónicos  Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD216A-B140L Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  CD216A-B140L Datasheet HTML 1Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 2Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 3Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 4Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 5Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 6Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD216A-B120L ~ B140 MITE Chip Diode
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
REV. 01/05
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
MM
(INCHES)
DIMENSIONS:
Item
Symbol
DO-216AA
Carrier Width
A
2.90 ± 0.10
(0.114 - 0.004)
Carrier Length
B
5.30 ± 0.10
(0.209 - 0.004)
Carrier Depth
C
1.37 ± 0.10
(0.054 - 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 - 0.002)
Reel Outside Diameter
D
330 / 178.0
(12.992 / 7.007)
Reel Inner Diameter
D1
75.0
MIN.
(2.953)
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 - 0.004))
Punch Hole Position
F
5.50 ± 0.05
(0.217 - 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.40 ± 0.10
(0.016 - 0.004)
Tape Width
W
12.00 ± 0.20
(0.472 - 0.008)
Reel Width
W1
18.4
MAX.
(0.724)
Quantity per Reel
--
3,000
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-(0)41 768 5555 • Fax: +41-(0)41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Número de pieza similar - CD216A-B140L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
CD21.1501.151 SCHURTER-CD21.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD21.1501.151 SCHURTER-CD21.1501.151 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD21.4501.151 SCHURTER-CD21.4501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
Molex Electronics Ltd.
CD2115 MOLEX4-CD2115 Datasheet
87Kb / 2P
   InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire
CD2115 MOLEX4-CD2115 Datasheet
88Kb / 3P
   InsulKrimp??Star Ring Tongue Terminal
More results

Descripción similar - CD216A-B140L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
   RoHS Compliant / Lead-Free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com