Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SF5590 Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

No. de pieza SF5590
Descripción Electrónicos  HV-mWTM?곊?BalanceTM PWM Controller Programmable Fsw
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Página de inicio  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5590 Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5590 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5590 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_5590_V1.2
SF5590
Pin Configuration
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF5590SG
SF5590SG
SOP8
Green
SF5590SGT
SF5590SGT
SOP8
Green
Yes
SF5590DP
SF5590DP
DIP8
RoHS
Marking Information
YWW: Year&Week code
YWW: Year&Week code


Número de pieza similar - SF5590

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
SF55 CHENDA-SF55 Datasheet
534Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Microdiode Electronics ...
SF55 CHENDA-SF55 Datasheet
617Kb / 2P
   SUPER FAST RECTIFIERS
logo
Galaxy Semi-Conductor H...
SF55 BILIN-SF55 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
Diotech Company.
SF55 DIOTECH-SF55 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Descripción similar - SF5590

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIFIRST TECHNOLOGIES NA...
SF5580 SIFIRST-SF5580 Datasheet
82Kb / 2P
   HV-mWTM?곊?BalanceTM PWM Controller Fixed 65KHz Fsw
SF1539W SIFIRST-SF1539W Datasheet
86Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539 SIFIRST-SF1539 Datasheet
51Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1548 SIFIRST-SF1548 Datasheet
64Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1533 SIFIRST-SF1533 Datasheet
52Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1546 SIFIRST-SF1546 Datasheet
87Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1549 SIFIRST-SF1549 Datasheet
65Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF5877 SIFIRST-SF5877 Datasheet
102Kb / 2P
   HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5873 SIFIRST-SF5873 Datasheet
102Kb / 2P
   HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com