Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WAS4728Q Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

No. de pieza WAS4728Q
Descripción Electrónicos  Low On Resistance Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLSEMI [Will Semiconductor Ltd.]
Página de inicio  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WAS4728Q Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

  WAS4728Q Datasheet HTML 1Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 2Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 3Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 4Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 5Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 6Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 7Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 8Page - Will Semiconductor Ltd. WAS4728Q Datasheet HTML 9Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
WAS4728Q
Will Semiconductor Ltd.
6
Typical Characteristics (Ta=25
oC, VCC=4.5V, unless otherwise noted)
Bandwidth (BW)
Crosstalk (Xtalk)
Off Isolation
THD+N
10
100
1000
10000
-90
-88
-86
-84
-82
-80
-78
-76
-74
-72
-70
VCC = 4.5V
V
IS
= 2Vp-p
V
IS-bias
= 1V
DC
Frequency(HZ)
10
100
1000
10000
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
Frequency(HZ)
VCC = 3V
V
IS
= 2Vp-p
V
IS-bias
= 1V
DC
10
100
1000
10000
-90
-88
-86
-84
-82
-80
-78
-76
-74
-72
-70
VCC = 4.5V
V
IS
= 2Vp-p
V
IS-bias
= 1V
DC
Frequency(HZ)
Mar, 2017 - Rev. 1.5


Número de pieza similar - WAS4728Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4723Q-10/TR WILLSEMI-WAS4723Q-10/TR Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4729QB WILLSEMI-WAS4729QB Datasheet
686Kb / 9P
   Low On Resistance (0.8廓) Dual SPDT Analog Switch with Negative Swing Audio Capability
WAS4729QB-10/TR WILLSEMI-WAS4729QB-10/TR Datasheet
686Kb / 9P
   Low On Resistance (0.8廓) Dual SPDT Analog Switch with Negative Swing Audio Capability
More results

Descripción similar - WAS4728Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
   Low On Resistance, Quad SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
SGM3001 SGMICRO-SGM3001 Datasheet
551Kb / 11P
   Low ON-Resistance, Low Voltage, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com