Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WS7812QD Datasheet(PDF) 12 Page - Will Semiconductor Ltd.

No. de pieza WS7812QD
Descripción Electrónicos  0.1GHz ??3GHz DP12T Diversity Receive Antenna Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLSEMI [Will Semiconductor Ltd.]
Página de inicio  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7812QD Datasheet(HTML) 12 Page - Will Semiconductor Ltd.

Back Button WS7812QD Datasheet HTML 6Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 7Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 8Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 9Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 10Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 11Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 12Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 13Page - Will Semiconductor Ltd. WS7812QD Datasheet HTML 14Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
WS7812QD
Will Semiconductor Ltd.
12
Oct. 2017_V1.0
Register_1 Truth Table A (ANT_A)
Mode
Register_1 Bits
D7
D6
D5
D4
D3
D2
D1
D0
All isolation
0
0
0
0
0
TRx1
0
0
0
0
1
TRx2
0
0
0
1
0
TRx3
0
0
0
1
1
TRx4
0
0
1
0
0
TRx5
0
0
1
0
1
TRx6
0
0
1
1
0
TRx6+5
0
0
1
1
1
TRx6+4
0
1
0
0
0
TRx6+3
0
1
0
0
1
TRx6+2
0
1
0
1
0
TRx6+1
0
1
0
1
1
TRx5+4
0
1
1
0
0
TRx5+3
0
1
1
0
1
TRx5+2
0
1
1
1
0
TRx5+1
0
1
1
1
1
TRx4+3
1
0
0
0
0
TRx4+2
1
0
0
0
1
TRx4+1
1
0
0
1
0
TRx3+2
1
0
0
1
1
TRx3+1
1
0
1
0
0
TRx2+1
1
0
1
0
1
All isolation
1
0
1
1
0
All isolation
1
0
1
1
1
All isolation
1
1
0
0
0
All isolation
1
1
0
0
1
All isolation
1
1
0
1
0
All isolation
1
1
0
1
1
All isolation
1
1
1
0
0
All isolation
1
1
1
0
1
All isolation
1
1
1
1
0
All isolation
1
1
1
1
1


Número de pieza similar - WS7812QD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Will Semiconductor Ltd.
WS7810QD WILLSEMI-WS7810QD Datasheet
1Mb / 14P
   0.1GHz ??3GHz DP10T Diversity Receive Antenna Switch
WS7810QD-8/TR WILLSEMI-WS7810QD-8/TR Datasheet
1Mb / 14P
   0.1GHz ??3GHz DP10T Diversity Receive Antenna Switch
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
WS7810QM-20/TR WILLSEMI-WS7810QM-20/TR Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
More results

Descripción similar - WS7812QD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Will Semiconductor Ltd.
WS7810QD WILLSEMI-WS7810QD Datasheet
1Mb / 14P
   0.1GHz ??3GHz DP10T Diversity Receive Antenna Switch
WS7808QD WILLSEMI-WS7808QD Datasheet
1Mb / 14P
   0.1GHz ??3GHz DP8T Diversity Receive Antenna Switch
WS7802DF WILLSEMI-WS7802DF Datasheet
617Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7804Q WILLSEMI-WS7804Q Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP4T Antenna Switch
WS7803QD WILLSEMI-WS7803QD Datasheet
799Kb / 6P
   0.1GHz ??3GHz SP3T Antenna Switch
WS7806QC WILLSEMI-WS7806QC Datasheet
304Kb / 6P
   0.1GHz ??3GHz SP6T Antenna Switch
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7803F WILLSEMI-WS7803F Datasheet
957Kb / 6P
   0.1GHz ??3GHz SP3T Antenna Switch
WS7806Q WILLSEMI-WS7806Q Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP6T Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com