Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4814DY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4814DY
Descripción Electrónicos  Dual N-Channel, 30-V (D-S) MOSFET with Schottky Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4814DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4814DY Datasheet HTML 1Page - Vishay Siliconix SI4814DY Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification Comparison
Vishay Siliconix
Document Number 74072
www.vishay.com
11-May-05
Si4814BDY vs. Si4814DY
Description:
Dual N-Channel, 30-V (D-S) MOSFET with Schottky Diode
Package:
SO-8
Pin Out:
Identical
Part Number Replacements:
Si4814BDY-T1-E3 Replaces Si4814DY-T1-E3
Si4814BDY-T1-E3 Replaces Si4814DY-T1
Summary of Performance:
The Si4814BDY is the replacement to the original Si4814DY; both parts perform identically, including limits to the parametric
tables below.
ABSOLUTE MAXIMUM RATINGS (TA = 25oC UNLESS OTHERWISE NOTED)
Si4814BDY
Si4814DY
Parameter
Symbol
Ch-1
Ch-2
Ch-1
Ch-2
Unit
Drain-Source Voltage
VDS
30
30
Gate-Source Voltage
VGS
+20
+20
V
TA = 25°C
7.5
7.8
7.0
7.8
Continuous Drain Current
TA = 70°C
ID
6
6.3
5.6
6
Pulsed Drain Current
IDM
40
40
40
40
Continuous Source Current
(MOSFET Diode Conduction)
IS
1.7
1.8
1.7
1.8
A
TA = 25°C
1.9
2.0
1.9
2.0
Power Dissipation
TA = 70°C
PD
1.2
1.3
1.2
1.3
W
Operating Junction & Storage Temperature Range
Tj & Tstg
-55 to 150
-55 to 150
°C
Maximum Junction-to-Ambient - MOSFET
RthJA
65
60
65
60
°C/W
MOSFET SPECIFICATIONS (TJ = 25OC UNLESS OTHERWISE NOTED)
Si4814BDY
Si4814DY
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Static
Ch-1
1.5
3.0
0.8
NS
Gate-Threshold Voltage
VGS(th)
Ch-2
1.5
2.7
0.8
NS
V
Ch-1
+100
+100
Gate-Body Leakage
IGSS
Ch-2
+100
+100
nA
Ch-1
1
1
Zero Gate Voltage Drain Current
IDSS
Ch-2
100
100
µA
Ch-1
20
20
On-State Drain Current
VGS = 10 V
ID(on)
Ch-2
20
20
A
Ch-1
0.0145
0.018
0.0175
0.021
VGS= 10 V
Ch-2
0.015
0.018
0.0165
0.020
Ch-1
0.019
0.023
0.027
0.0325
Drain-Source On-Resistance
VGS= 4.5 V
rDS(on)
Ch-2
0.018
0.022
0.022
0.0265
Ch-1
30
17
Forward Transconductance
gfs
Ch-2
35
20
S
Ch-1
0.75
1.1
0.7
1.1
Diode Forward Voltage
VSD
Ch-2
0.47
0.5
0.47
0.5
V
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw


Número de pieza similar - SI4814DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4814BDY VISHAY-SI4814BDY Datasheet
199Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4814BDY VISHAY-SI4814BDY_V01 Datasheet
199Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Descripción similar - SI4814DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com