Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC5902DS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza AMC5902DS
Descripción Electrónicos  6CH Motor Driver for CD-ROM, DVD-ROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

AMC5902DS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC5902DS Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AMC DOC. #: AMC5902_B
AMC5902
March 2004
Copyright
 2003, 2004 ADD Microtech Corp
5
www.addmtek.com
6CH Motor Driver for
CD-ROM, DVD-ROM
PIN DESCRIPTION
Pin No. Pin Name
Pin Function
Pin No. Pin Name
Pin Function
1
HU+
HU+ sensor Amp. input
54
VCC6
PWM block control power supply
2
HU-
HU- sensor Amp. input
53
FOIN
Focus control input
3
HV+
HV+ sensor Amp. input
52
TKIN
Tracking control input
4
HV-
HV- sensor Amp. input
51
VCC4
Motor power supply 4 (for loading)
5
HW+
HW+ sensor Amp. input
50
LDO+
Loading non-inverted output
6
HW-
HW- sensor Amp. input
49
LDO-
Loading inverted output
7
HB
Bias for Hall sensor
48
TKO+
Tracking non-inverted output
8
PGND1
Spindle driver power ground 1
47
TKO-
Tracking inverted output
9
U
Motor drive output U
46
FO+
Focus non-inverted output
10
VCC1
Motor power supply 1 (for spindle)
45
FO-
Focus inverted output
11
V
Motor drive output V
44
VCC5
5V Power supply (for focus, tracking)
12
GND
Ground
43
GND
Ground
13
GND
Ground
42
GND
Ground
14
GND
Ground
41
GND
Ground
15
GND
Ground
40
GND
Ground
16
GND
Ground
39
GND
Ground
17
PGND2
Spindle driver power ground 2
38
AGND
Ground
18
W
Motor drive output W
37
SO1+
Slide non-inverted output 1
19
VCC2
Motor power supply 1 (for spindle)
36
SO1-
Slide inverted output 1
20
CSSP
Spindle current sense
35
SO2+
Slide non-inverted output 2
21
FOUT
Frequency generator output
34
SO2-
Slide inverted output 2
22
CTL1
Control input 1
33
SLGND
Slide driver power ground
23
CTL2
Control input 2
32
CS2
Slide current sense 2
24
SPIN
Spindle control input
31
CS1
Slide current sense 1
25
DGND
PWM block pre-ground
30
VCC3
Motor power supply 3 (for slide)
26
LDIN
Loading control input
29
IN2SL
Slide control voltage input 2
27
VREF
Reference
28
IN1SL
Slide control voltage input 1
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply to operating ambient temperature TA = 25°C,
VCC6 = VCC5= 5V, VCC3 = VCC4 = 12V, Vref =1.65V, RSP=0.33Ω,RSL1=RSL2=0.5Ω.
AMC5901
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
Common Section
Quiescent current 1
IQ1
VCC4 (CTL1=L,CTL2=H)
-
18
23
mA
Quiescent current 2
IQ2
VCC4 (CTL1=H,CTL2=L)
-
14
16
mA
Quiescent current 3
IQ3 VCC6 (CTL1=L,CTL2=H)
-
3.5
4.9
mA
Standy-on current 1
IST1 VCC4 (CTL1=L,CTL2=L)
-
0.2
0.3
mA
Standy-on current 2
IST2 VCC6 (CTL1=L,CTL2=L)
-
-
0.1
mA


Número de pieza similar - AMC5902DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
logo
Ohmite Mfg. Co.
AMC OHMITE-AMC Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
Conquer Electronics Co....
AMC CONQUER-AMC Datasheet
473Kb / 1P
   Suitable for the telecommunications industry
logo
List of Unclassifed Man...
AMC-10 ETC-AMC-10 Datasheet
104Kb / 1P
   Micro EM Clutch
More results

Descripción similar - AMC5902DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD7998EFS ROHM-BD7998EFS Datasheet
171Kb / 5P
   6ch Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
BD7905BFS ROHM-BD7905BFS Datasheet
202Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BD7967EFS ROHM-BD7967EFS Datasheet
589Kb / 6P
   5CH Power Driver for CD-ROM/DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com