Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA07SFP Datasheet(PDF) 3 Page - Rohm |
|
BA07SFP Datasheet(HTML) 3 Page - Rohm |
3 / 10 page BA ΟΟST / BAΟΟSFP series Regulator ICs ! ! ! ! Recommended operating conditions BA00AST / ASFP BA08ST / SFP Parameter Symbol Min. Max. Unit Input voltage 25 V -1 A 4 Output current VCC IO Parameter Symbol Min. Max. Unit 925 V -1 A VCC IO Input voltage Output current BA033ST / SFP BA09ST / SFP Parameter Symbol Min. Max. Unit 4.3 25 V - 1 A VCC IO Input voltage Output current Parameter Symbol Min. Max. Unit 10 25 V - 1 A VCC IO Input voltage Output current BA05ST / SFP BA10ST Parameter Symbol Min. Max. Unit 6 25 V - 1 A VCC IO Input voltage Output current Parameter Symbol Min. Max. Unit 11 25 V -1 A VCC IO Input voltage Output current BA06SFP BA12ST Parameter Symbol Min. Max. Unit 725 V - 1 A VCC IO Input voltage Output current Parameter Symbol Min. Max. Unit 13 25 V - 1A VCC IO Input voltage Output current BA07ST / SFP Parameter Symbol Min. Max. Unit 8 V - 1A 25 VCC IO Input voltage Output current ! ! ! ! Electrical characteristics BA00AST / ASFP (unless otherwise noted, Ta=25 °C, Vcc=10V, Io=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit Reference voltage Power save current Output voltage Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Minimum I/O voltage differential Bias current Peak output current Output short-circuit current ON mode voltage OFF mode voltage Input high level current Vref 1.200 1.225 1.250 V Fig.1 VO - 5.0 - V Fig.1 Reg.I - 20 100 mV Fig.1 R.R. 45 55 - dB eIN=1Vrms, f=120Hz, IO=100mA Fig.2 Reg.L - 50 150 mV IO=5mA →1A Fig.1 TCVO - ±0.01 - % / ˚CIO=5mA, Tj=0~125˚C Fig.1 Vd - 0.3 0.5 V Fig.3 Ib - 2.5 5.0 mA IO=0mA Fig.4 IO-P 1.0 1.5 - A Tj=25˚C Fig.1 IOS - 0.4 - A VCC=25V VCC=0.95VO Ist - 0 10 µA Fig.4 OFF mode Fig.5 Vth1 2.0 - - V Output Active mode, IO=0mA Fig.6 Vth2 - - 0.8 V Output OFF mode, IO=0mA Fig.6 IIN 100 200 300 µA CTL=5V, IO=0mA Fig.6 VCC=6 →25V |
Número de pieza similar - BA07SFP |
|
Descripción similar - BA07SFP |