Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EL08-VYK00 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-EL08-VYK00
Descripción Electrónicos  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL08-VYK00 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL08-VYK00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Bin
Name
Min.
Max.
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
2
21000
27000
Intensity Bin Limits
(mcd at 20 mA)
Tolerance for each bin limit is
± 15%.
Bin
Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Amber Color Bin Limits
(nm at 20 mA)
Tolerance for each bin limit is
± 0.5 nm.
Note:
1. Bin categories are established for
classification of products. Products
may not be available in all bin
categories.
Figure 7. Representative Spatial Radiation Pattern for 23
° Viewing Angle Lamps.
Figure 8. Representative Spatial Radiation Pattern for 30
° Viewing Angle Lamps.
Figure 6. Representative Spatial Radiation Pattern for 15
° Viewing Angle Lamps.
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
10
30
40
90
-20
-15
-10
0
5
10
15
20
25
-25
-5
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
10
30
40
90
-20
-15
-10
0
5
10
15
20
25
-25
-5
1.00
0
θ – ANGULAR DISPLACEMENT – DEGREES
0.80
0.60
0.50
0.70
0.20
0.10
0.30
0.40
0.90
-20
-15
-10
0
5
10
15
20
25
-25
-5


Número de pieza similar - HLMP-EL08-VYK00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-EL08-VYK00 HP-HLMP-EL08-VYK00 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL08-VYK00 AVAGO-HLMP-EL08-VYK00 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL08-VYK00 AVAGO-HLMP-EL08-VYK00 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Descripción similar - HLMP-EL08-VYK00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com