Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM68U1000BLTI-10L Datasheet(PDF) 10 Page - Samsung semiconductor

No. de pieza KM68U1000BLTI-10L
Descripción Electrónicos  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68U1000BLTI-10L Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KM68U1000BLTI-10L Datasheet HTML 2Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 3Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 4Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 5Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 6Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 7Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 8Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 9Page - Samsung semiconductor KM68U1000BLTI-10L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
32 PIN THIN SMALL OUTLINE PACKAGE TYPE I (0820F)
#32
1.00
±0.10
0.039
±0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
18.40
±0.10
0.724
±0.004
0.45 ~0.75
0.018 ~0.030
20.00
±0.20
0.787
±0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
PACKAGE DIMENSIONS
32 PIN THIN SMALL OUTLINE PACKAGE TYPE I (0820R)
#32
1.00
±0.10
0.039
±0.004
#1
0.50
(
)
0.020
18.40
±0.10
0.724
±0.004
0.45 ~0.75
0.018 ~0.030
20.00
±0.20
0.787
±0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
Units : millimeter(inch)


Número de pieza similar - KM68U1000BLTI-10L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM68U1000C SAMSUNG-KM68U1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

Descripción similar - KM68U1000BLTI-10L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com