Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP281GS Datasheet(PDF) 4 Page - Analog Devices

No. de pieza OP281GS
Descripción Electrónicos  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP281GS Datasheet(HTML) 4 Page - Analog Devices

  OP281GS Datasheet HTML 1Page - Analog Devices OP281GS Datasheet HTML 2Page - Analog Devices OP281GS Datasheet HTML 3Page - Analog Devices OP281GS Datasheet HTML 4Page - Analog Devices OP281GS Datasheet HTML 5Page - Analog Devices OP281GS Datasheet HTML 6Page - Analog Devices OP281GS Datasheet HTML 7Page - Analog Devices OP281GS Datasheet HTML 8Page - Analog Devices OP281GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
OP281/OP481
(@ VS =
5.0 V, TA = +25 C, unless otherwise noted.*)
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
Note 1
0.1
1.5
mV
–40
∞C £ TA £ +85∞C
2.5
mV
Input Bias Current
IB
–40
∞C £ TA £ +85∞C3
10
nA
Input Offset Current
IOS
–40
∞C £ TA £ +85∞C
0.1
7
nA
Input Voltage Range
–5+4
V
Common-Mode Rejection
CMRR
VCM = –5.0 V to +4.0 V,
–40
∞C £ TA £ +85∞C65
95
dB
Large Signal Voltage Gain
AVO
RL = 1 M
W, VO = ±4.0 V,
5
13
V/mV
–40
∞C £ TA £ +85∞C2
V/mV
Offset Voltage Drift
VOS /DT
–40
∞C to +85∞C10
mV/∞C
Bias Current Drift
IB /DT
20
pA/
∞C
Offset Current Drift
IOS /DT
2
pA/
∞C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 100 k
W to GND,
–40
∞C £ TA £ +85∞C
±4.925
±4.98
V
Short Circuit Limit
ISC
12
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±1.35 V to ±6V,
–40
∞C £ TA £ +85∞C76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3.3
5
mA
–40
∞C £ TA £ +85∞C6
mA
DYNAMIC PERFORMANCE
Slew Rate
±SR
RL = 100 k
W, CL = 50 pF
28
V/ms
Gain Bandwidth Product
GBP
105
kHz
Phase Margin
o75
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
mV p-p
Voltage Noise Density
en
f = 1 kHz
85
nV/
÷Hz
Voltage Noise Density
en
f = 10 kHz
75
nV/
÷Hz
Current Noise Density
in
<1
pA/
÷Hz
*VOS is tested under a no load condition.
Specifications subject to change without notice.


Número de pieza similar - OP281GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP281GS AD-OP281GS Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP281GS AD-OP281GS Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP281GS-REEL AD-OP281GS-REEL Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP281GS-REEL7 AD-OP281GS-REEL7 Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP281GSZ AD-OP281GSZ Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
More results

Descripción similar - OP281GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP281 AD-OP281_07 Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP181 AD-OP181 Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP281 AD-OP281_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
OP481 AD-OP481_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
OP181 AD-OP181_15 Datasheet
311Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com