Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2112A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2112A
Descripción Electrónicos  AUTOSWITCHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2112A Datasheet(HTML) 1 Page - Texas Instruments

  TPS2112A Datasheet HTML 1Page - Texas Instruments TPS2112A Datasheet HTML 2Page - Texas Instruments TPS2112A Datasheet HTML 3Page - Texas Instruments TPS2112A Datasheet HTML 4Page - Texas Instruments TPS2112A Datasheet HTML 5Page - Texas Instruments TPS2112A Datasheet HTML 6Page - Texas Instruments TPS2112A Datasheet HTML 7Page - Texas Instruments TPS2112A Datasheet HTML 8Page - Texas Instruments TPS2112A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS2112A
TPS2113A
SBVS045 − MARCH 2004
AUTOSWITCHING POWER MUX
Actual Size
(3,10 mm x 4,50 mm)
FEATURES
D Two-Input, One-Output Power Multiplexer
With Low rDS(on) Switches:
− 84 m
Ω Typ (TPS2113A)
− 120 m
Ω Typ (TPS2112A)
D Reverse and Cross-Conduction Blocking
D Wide Operating Voltage Range . . . .2.8 V to
5.5 V
D Low Standby Current . . . . 0.5-µA Typ
D Low Operating Current . . . . 55-µA Typ
D Adjustable Current Limit
D Controlled Output Voltage Transition Times,
Limits Inrush Current and Minimizes Output
Voltage Hold-Up Capacitance
D CMOS- and TTL-Compatible Control Inputs
D Auto-Switching Operating Mode
D Thermal Shutdown
D Available in a TSSOP-8 Package
APPLICATIONS
D PCs
D PDAs
D Digital Cameras
D Modems
D Cell Phones
D Digital Radios
D MP3 Players
1
2
3
4
8
7
6
5
STAT
EN
VSNS
ILIM
IN1
OUT
IN2
GND
PW PACKAGE
(TOP VIEW)
DESCRIPTION
The TPS211xA family of power multiplexers enables seamless transition between two power supplies, such as a battery
and a wall adapter, each operating at 2.8−5.5 V and delivering up to 1 A. The TPS211xA family includes extensive protection
circuitry, including user-programmable current limiting, thermal protection, inrush current control, seamless supply
transition, cross-conduction blocking, and reverse-conduction blocking. These features greatly simplify designing power
multiplexer applications.
TYPICAL APPLICATION
STAT
EN
VSNS
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2113APW
0.1
µF
0.1
µF
CL
RL
IN1: 2.8 − 5.5 V
IN2: 2.8 − 5.5 V
RILIM
R1
Switch
Status
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Número de pieza similar - TPS2112A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2112A TI-TPS2112A Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112APW TI-TPS2112APW Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
logo
ATMEL Corporation
TPS2112APW ATMEL-TPS2112APW Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPS2112APWG4 TI-TPS2112APWG4 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112APWR TI-TPS2112APWR Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Descripción similar - TPS2112A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com