Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3012LU Datasheet(PDF) 4 Page - Sanken electric

No. de pieza SI-3012LU
Descripción Electrónicos  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3012LU Datasheet(HTML) 4 Page - Sanken electric

  SI-3012LU Datasheet HTML 1Page - Sanken electric SI-3012LU Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
qSI-3000LU Series
sTypical Characteristics of SI-3033LU
(Ta=25
°C)
IO vs. VDIF Characteristics
Output Voltage Characteristics
Line Regulation
Load Regulation
Output ON/OFF Control
Overcurrent Protection Characteristics
0
50
100
150
200
250
300
0.6
0.5
0.4
0.3
0.2
0.1
Output Current IO (mA)
02
4
6
8
10
5
4
3
2
1
Input Voltage VIN (V)
lO=0mA
lO=250mA
0468
10
3.34
3.32
3.30
3.28
3.26
3.24
3.22
Input Voltage VIN (V)
lO=0mA
lO=250mA
8V
6V
5V
0
50
100
150
200
250
300
3.34
3.32
3.30
3.28
3.26
3.24
3.22
Output Current IO (mA)
VIN=3.8V
0
0.5
1.0
1.5
2.0
2.5
3.0
5
4
3
2
1
0
Output Control Voltage VC (V)
VIN=5V
5
4
3
2
1
0
0
100
200
300
400
Output Current IO (mA)
VIN=3.8V
5V
8, 10V


Número de pieza similar - SI-3012LU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Descripción similar - SI-3012LU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com