Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A23159 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS5A23159
Descripción Electrónicos  1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5A23159 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A23159 Datasheet HTML 1Page - Texas Instruments TS5A23159 Datasheet HTML 2Page - Texas Instruments TS5A23159 Datasheet HTML 3Page - Texas Instruments TS5A23159 Datasheet HTML 4Page - Texas Instruments TS5A23159 Datasheet HTML 5Page - Texas Instruments TS5A23159 Datasheet HTML 6Page - Texas Instruments TS5A23159 Datasheet HTML 7Page - Texas Instruments TS5A23159 Datasheet HTML 8Page - Texas Instruments TS5A23159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
Electrical Characteristics for 3.3-V Supply
(1)
TS5A23159
1-
Ω DUAL SPDT ANALOG SWITCH
5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS201 – AUGUST 2005
V
+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
1.3
1.6
Peak ON
rpeak
3 V
ICOM = –100 mA,
See Figure 13
resistance
Full
2
VNO or VNC = 2 V,
25
°C
1.2
1.5
ON-state
Switch ON,
ron
3 V
ICOM = –100 mA,
resistance
See Figure 13
Full
1.7
ON-state
25
°C
0.1
0.15
resistance
VNO or VNC = 2 V, 0.8 V,
Switch ON,
match
∆r
on
3 V
ICOM = –100 mA,
See Figure 13
Full
0.2
between
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
0.15
ON-state
ICOM = –100 mA,
See Figure 13
resistance
ron(flat)
3 V
VNO or VNC = 2 V, 0.8 V,
25
°C
Switch ON,
flatness
ICOM = –100 mA,
See Figure 13
Full
VNC or VNO = 1 V,
25
°C
–20
2
VCOM = 1 V to 3 V,
INO(OFF),
Switch OFF,
or
3.6 V
NC, NO
INC(OFF)
See Figure 14
Full
–50
20
VNC or VNO = 3 V,
OFF leakage
nA
VCOM = 1 V to 3 V,
current
25
°C
–1
0.2
INC(PWROFF),
VNC or VNO = 0 to 3.6 V,
Switch OFF,
0 V
INO(PWROFF)
VCOM = 3.6 V to 0,
See Figure 14
Full
–15
15
VNC or VNO = 1 V,
25
°C
–10
4
NC, NO
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
3.6 V
nA
INC(ON)
See Figure 15
Full
–20
40
current
VNC or VNO = 3 V,
VCOM = Open,
COM
25
°C
–1
0.2
1
VNC or VNO = 3.6 V to 0,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
nA
VCOM = 0 to 3.6 V,
See Figure 14
Full
–15
15
current
VNC or VNO = Open,
25
°C
–10
2
10
COM
VCOM = 1 V,
Switch ON,
ON leakage
ICOM(ON)
or
3.6 V
nA
See Figure 15
Full
–20
20
current
VNC or VNO = Open,
VCOM = 3 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
25
°C
–2
2
Input leakage cur-
IIH, IIL
VI = 5.5 V or 0
3.6 V
µA
rent
Full
20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5


Número de pieza similar - TS5A23159

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A23159 TI-TS5A23159 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSR TI-TS5A23159DGSR Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSR TI-TS5A23159DGSR Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS5A23159

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com