Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT147N Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HCT147N
Descripción Electrónicos  10-TO-4 LINE PRIORITY ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT147N Datasheet(HTML) 6 Page - NXP Semiconductors

  74HCT147N Datasheet HTML 1Page - NXP Semiconductors 74HCT147N Datasheet HTML 2Page - NXP Semiconductors 74HCT147N Datasheet HTML 3Page - NXP Semiconductors 74HCT147N Datasheet HTML 4Page - NXP Semiconductors 74HCT147N Datasheet HTML 5Page - NXP Semiconductors 74HCT147N Datasheet HTML 6Page - NXP Semiconductors 74HCT147N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
10-to-4 line priority encoder
74HC/HCT147
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
50
18
14
160
32
27
200
40
34
240
48
41
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition
time
19
7
6
75
15
6
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6


Número de pieza similar - 74HCT147N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT147 PHILIPS-74HCT147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
More results

Descripción similar - 74HCT147N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
   10 TO 4 LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
   Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com