Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3005D2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3005D2
Descripción Electrónicos  6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3005D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3005D2 Datasheet HTML 1Page - Texas Instruments TPA3005D2 Datasheet HTML 2Page - Texas Instruments TPA3005D2 Datasheet HTML 3Page - Texas Instruments TPA3005D2 Datasheet HTML 4Page - Texas Instruments TPA3005D2 Datasheet HTML 5Page - Texas Instruments TPA3005D2 Datasheet HTML 6Page - Texas Instruments TPA3005D2 Datasheet HTML 7Page - Texas Instruments TPA3005D2 Datasheet HTML 8Page - Texas Instruments TPA3005D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
10
µF
220 nF
220 nF
PVCC
PVCC
220 nF
220 nF
PVCC
PVCC
220 pF
Left Differential
Inputs
Right Differential
Inputs
Shutdown/Mute
Gain
Control
TPA3005D2
VCLAMPR
SHUTDOWN
V2P5
RINP
LINN
LINP
AVDDREF
NC
GAIN0
GAIN1
NC
NC
AVDD
AGND
COSC
ROSC
AVCC
VCLAMPL
RINN
AVCC
AGND
10
µF
0.1
µF
0.1
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.1
µF
0.1
µF
10
µF
10
µF
1
µF
120 k
1
µF
NC
NC
NC
NC
0.1
µF
10
µF
1
µF
Control
†Optimal output filter for EMI suppression
TPA3005D2
SLOS427 – MAY 2004
6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
LCD Monitors and TVs
6-W/Ch Into an 8-
Ω Load From a 12-V Supply
All-In-One PCs
Up to 92% Efficient, Class-D Operation
Eliminates Need For Heatsinks
8.5-V to 18-V Single-Supply Operation
The TPA3005D2 is a 6-W (per channel) efficient,
Four Selectable, Fixed Gain Settings
Class-D audio amplifier for driving bridged-tied stereo
Differential Inputs Minimizes Common-Mode
speakers. The TPA3005D2 can drive stereo speakers
Noise
as low as 8
Ω. The high efficiency of the TPA3005D2
Space-Saving, Thermally Enhanced
eliminates the need for external heatsinks when
PowerPAD™ Packaging
playing music.
Thermal Protection and Short Circuit
The gain of the amplifier is controlled by two gain
select pins. The gain selections are 15.3, 21.2, 27.2,
Pinout Similar to TPA3002D2, TPA3003D2,
and 31.8 dB.
and TPA3004D2
The outputs are fully protected against shorts to
GND, VCC, and output-to-output shorts. Thermal
protection ensures the maximum junction tempera-
ture is not exceeded.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPA3005D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3005D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com