Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74HC123M1R Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza M74HC123M1R
Descripción Electrónicos  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC123M1R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC123M1R Datasheet HTML 3Page - STMicroelectronics M74HC123M1R Datasheet HTML 4Page - STMicroelectronics M74HC123M1R Datasheet HTML 5Page - STMicroelectronics M74HC123M1R Datasheet HTML 6Page - STMicroelectronics M74HC123M1R Datasheet HTML 7Page - STMicroelectronics M74HC123M1R Datasheet HTML 8Page - STMicroelectronics M74HC123M1R Datasheet HTML 9Page - STMicroelectronics M74HC123M1R Datasheet HTML 10Page - STMicroelectronics M74HC123M1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M74HC123
7/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC’ Duty/100
+ Ic/2(per monostable) (Icc’ : Active Supply current) (Duty : %)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time
(A, B - Q, Q)
2.0
102
210
265
315
ns
4.5
29
42
53
63
6.0
22
36
45
54
tPLH tPHL Propagation Delay
Time(CLR
TRIGGER - Q, Q)
2.0
102
235
295
355
ns
4.5
31
47
59
71
6.0
23
40
50
60
tPLH tPHL Propagation Delay
Time
(CLR - Q, Q)
2.0
68
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tWOUT
Output Pulse Width
2.0
Cx = 100 pF
Rx = 10K
1.4
µs
4.5
1.2
6.0
1.1
2.0
Cx = 0.1
µF
Rx = 100K
4.6
ms
4.5
4.4
6.0
4.3
∆t
WOUT
Output Pulse Width
Error Between
Circuits in Same
Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width (CLR)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
trr
Minimum Retrigger
Time
2.0
Cx = 100 pF
Rx = 10K
325
ns
4.5
108
6.0
78
2.0
Cx = 0.1
µF
Rx = 100K
5
µs
4.5
1.4
6.0
1.2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
162
pF


Número de pieza similar - M74HC123M1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC123M1R STMICROELECTRONICS-M74HC123M1R Datasheet
291Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Descripción similar - M74HC123M1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com