Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS82032T-6I Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza GS82032T-6I
Descripción Electrónicos  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032T-6I Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GS82032T-6I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 10Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 11Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 12Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rev: 1.04 2/2001
9/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be
restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings,
for an extended period of time, may affect reliability of this component.
Notes:
1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75 V
≤ VDDQ ≤ 2.375 V (i.e., 2.5 V I/O)
and 3.6 V
≤ VDDQ ≤ 3.135 V (i.e., 3.3 V I/O), and quoted at whichever condition is worst case.
2. This device features input buffers compatible with both 3.3 V and 2.5 V I/O drivers.
3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of
Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated
for worst case in the temperature range marked on the device.
4. Input Under/overshoot voltage must be –2 V > Vi < VDD+2 V with a pulse width not to exceed 20% tKC.
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 4.6
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VCK
Voltage on Clock Input Pin
–0.5 to 6
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ+0.5 (≤ 4.6 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDD+0.5 (≤ 4.6 V max.)
V
IIN
Input Current on Any Pin
+/–20
mA
IOUT
Output Current on Any I/O Pin
+/–20
mA
PD
Package Power Dissipation
1.5
W
TSTG
Storage Temperature
–55 to 125
oC
TBIAS
Temperature Under Bias
–55 to 125
oC
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
3.135
3.3
3.6
V
I/O Supply Voltage
VDDQ
2.375
2.5
VDD
V
1
Input High Voltage
VIH
1.7
VDD +0.3
V
2
Input Low Voltage
VIL
–0.3
0.8
V
2
Ambient Temperature (Commercial Range Versions)
TA
0
25
70
°C
3
Ambient Temperature (Industrial Range Versions)
TA
–40
25
85
°C
3


Número de pieza similar - GS82032T-6I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Descripción similar - GS82032T-6I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com