Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC00 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74ALVC00
Descripción Electrónicos  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC00 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC00 Datasheet HTML 2Page - NXP Semiconductors 74ALVC00 Datasheet HTML 3Page - NXP Semiconductors 74ALVC00 Datasheet HTML 4Page - NXP Semiconductors 74ALVC00 Datasheet HTML 5Page - NXP Semiconductors 74ALVC00 Datasheet HTML 6Page - NXP Semiconductors 74ALVC00 Datasheet HTML 7Page - NXP Semiconductors 74ALVC00 Datasheet HTML 8Page - NXP Semiconductors 74ALVC00 Datasheet HTML 9Page - NXP Semiconductors 74ALVC00 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2003 May 14
6
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74ALVC00
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
1.65 to 1.95
0.65
× V
CC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2
−−
V
VIL
LOW-level input voltage
1.65 to 1.95
−−
0.35
× V
CC
V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
1.65 to 3.6
−−
0.2
V
IO = 6 mA
1.65
0.11
0.3
V
IO =12mA
2.3
0.17
0.4
V
IO =18mA
2.3
0.25
0.6
V
IO =12mA
2.7
0.16
0.4
V
IO =18mA
3.0
0.23
0.4
V
IO =24mA
3.0
0.30
0.55
V
VOH
HIGH-level output voltage VI =VIH or VIL
IO = −100 µA
1.65 to 3.6
VCC − 0.2
−−
V
IO = −6 mA
1.65
1.25
1.51
V
IO = −12 mA
2.3
1.8
2.10
V
IO = −18 mA
2.3
1.7
2.01
V
IO = −12 mA
2.7
2.2
2.53
V
IO = −18 mA
3.0
2.4
2.76
V
IO = −24 mA
3.0
2.2
2.68
V
ILI
input leakage current
VI = 3.6 V or GND
3.6
−±0.1
±5
µA
Ioff
power OFF leakage
current
VI or VO = 3.6 V
0.0
−±0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
0.2
20
µA
∆I
CC
additional quiescent
supply current per input
pin
VI =VCC − 0.6 V;
IO =0
3.0 to 3.6
5
750
µA


Número de pieza similar - 74ALVC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74ALVC00 ONSEMI-74ALVC00 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
Revised February 2005
logo
Nexperia B.V. All right...
74ALVC00 NEXPERIA-74ALVC00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 30 April 2021
74ALVC00-Q100 NEXPERIA-74ALVC00-Q100 Datasheet
770Kb / 14P
   Quad 2-input NAND gate
74ALVC00BQ NEXPERIA-74ALVC00BQ Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 30 April 2021
More results

Descripción similar - 74ALVC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com