Nombre de pieza
         Descripción
2N6040

 COMPLEMENTARY SILICON POWER TRANSISTORS ( 6 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 5 page
background image
2N6040 2N6042 2N6043 2N6045
http://onsemi.com
5
PACKAGE DIMENSIONS
CASE 221A–09
ISSUE AA
TO–220AB
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJE150288 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJW211928.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS 1 2 3 4 5 MoreMotorola, Inc
TIP35ACOMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 5 MoreMotorola, Inc
NTE38Silicon Complementary Transistors High Voltage Medium Power Switch 1 2 3 NTE Electronics
2N6052DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 5 MoreON Semiconductor
MJE4343POWER TRANSISTORS COMPLEMENTARY SILICON 1 2 3 4 5 MoreON Semiconductor
TIP3055POWER TRANSISTORS COMPLEMENTARY SILICON 1 2 3 4 ON Semiconductor
BD235COMPLEMENTARY SILICON POWER TRANSISTORS 1 2 3 4 5 STMicroelectronics
MJ2501COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
TIP120COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl