Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS3900 Datasheet(PDF) 9 Page - Maxim Integrated Products

No. de pieza DS3900
Descripción Electrónicos  Serial Communications Module For Evaluation Kits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3900 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3900 Datasheet HTML 5Page - Maxim Integrated Products DS3900 Datasheet HTML 6Page - Maxim Integrated Products DS3900 Datasheet HTML 7Page - Maxim Integrated Products DS3900 Datasheet HTML 8Page - Maxim Integrated Products DS3900 Datasheet HTML 9Page - Maxim Integrated Products DS3900 Datasheet HTML 10Page - Maxim Integrated Products DS3900 Datasheet HTML 11Page - Maxim Integrated Products DS3900 Datasheet HTML 12Page - Maxim Integrated Products DS3900 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Serial Communications Module
For Evaluation Kits
_____________________________________________________________________
9
is tristated and the input is read. The pin remains in a
high-impedance state until a write operation is per-
formed. As mentioned before, all I/O pins, except P3,
are inputs on power-up.
Note: If an I/O pin is being used for both reads and
writes, take care to avoid bus contention.
Since software can only change a single pin at a time,
the DS3900 is much slower when communicating using
the bit I/O commands. For some applications, this is
acceptable since the 57600 baud communications
along with the streamline 2-byte command system allow
pins to be changed hundreds of times a second. If the
design requires higher performance than 100s of pin
changes per second the DS3900 may not be a good
choice for that general-purpose bit I/O application.
Application Information
Decoupling the DS3900’s VCC Supply
The DS3900 has decoupling on its PC board, but due to
the high periodic current draw of the RS232 transceiver.
It is recommended to place a decoupling capacitor
(47µF, Tantalum capacitor) next to the connector on the
board that the DS3900 will be mounted.
Using the Integral Pullups
Moving the switches to the on (labeled “ON” on the
switch) position enables the integral pullups. This con-
nects 4.7k
Ω pullup resistors to the SDA and SCL
buses, and it eliminates the need to place external
pullup resistors on the application board for 2-wire
communication. In the event that the application board
already has pullups present, disconnect the integral
pullups by placing the switches in the off position. This
eliminates the extra (unnecessary) pullup strength,
because having both the integral pullup and the appli-
cation board’s pullup on at the same time could poten-
tially cause problems for either the DS3900 or the
2-wire slaves, which are required to pull the buses low.
Additionally, when P10 and P11 are used as bit I/O
pins, it can be advantageous to disconnect the pullups
to reduce the through current when either signal is dri-
ven low. For bit I/O operations, writing the signal to a ‘1’
enables a PMOS driver that drives the signal high.
However, it is also possible to use P10 and P11 as
open-collector I/O pins by enabling the pullups and
performing only read and write ‘0’ operations. As long
as a ‘1’ is never written to P10 or P11 it appears as an
open-collector output. This is how the firmware manufac-
tures the open-collector output for the 2-wire interface.
Intended Use
The DS3900 module and the bundled software are
intended only to be used to evaluate Maxim and Dallas
Semiconductor’s integrated circuits. The software is pro-
vided “as is”, without warranty of any kind, express or
implied, including but not limited to the warranties of
merchantability, fitness for a particular purpose and non-
infringement. In no event shall Dallas Semiconductor be
liable for any claim, damages or other liability, whether in
an action of contract, tort or otherwise, arising from, out
of, or in connection with the software or the use or other
dealings in the software.


Número de pieza similar - DS3900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
DS3900H2EVKIT MAXIM-DS3900H2EVKIT Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
More results

Descripción similar - DS3900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com