Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS5000 Datasheet(PDF) 7 Page - Maxim Integrated Products

No. de pieza DS5000
Descripción Electrónicos  Soft Microcontroller Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5000 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS5000 Datasheet HTML 3Page - Maxim Integrated Products DS5000 Datasheet HTML 4Page - Maxim Integrated Products DS5000 Datasheet HTML 5Page - Maxim Integrated Products DS5000 Datasheet HTML 6Page - Maxim Integrated Products DS5000 Datasheet HTML 7Page - Maxim Integrated Products DS5000 Datasheet HTML 8Page - Maxim Integrated Products DS5000 Datasheet HTML 9Page - Maxim Integrated Products DS5000 Datasheet HTML 10Page - Maxim Integrated Products DS5000 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS5000(T)
7 of 19
COMMAND
FUNCTION
C
Return CRC-16 checksum of embedded RAM
D
Dump Intel hex file
F
Fill embedded RAM block with constant
K
Load 40-bit encryption key
L
Load Intel hex file
R
Read MCON register
T
Trace (echo) incoming Intel hex data
U
Clear security lock
V
Verify embedded RAM with incoming Intel hex
W
Write MCON register
Z
Set security lock
P
Put a value to a port
G
Get a value from a port
PARALLEL PROGRAM LOAD CYCLES Table 1
MODE
RST
PSEN
PROG
EA
P2.7
P2.6
P2.5
Program
1
0
0
VPP
1
0
X
Security Set
1
0
0
VPP
1
1
X
Verify
1
X
X
1
0
0
X
Prog Expanded
1
0
0
VPP
0
1
0
Verify Expanded
1
0
1
1
0
1
0
Prog MCON or Key registers
1
0
0
VPP
0
1
1
Verify MCON registers
1
0
1
1
0
1
1
The Parallel Program Cycle is used to load a byte of data into a register or memory location within the
DS5000(T). The Verify Cycle is used to read this byte back for comparison with the originally loaded
value to verify proper loading. The Security Set Cycle may be used to enable and the Software Security
feature of the DS5000(T). One may also enter bytes for the MCON register or for the five encryption
registers using the Program MCON cycle. When using this cycle, the absolute register address must be
presented at Ports 1 and 2 as in the normal program cycle (Port 2 should be 00H). The MCON contents
can likewise be verified using the Verify MCON cycle.
When the DS5000(T) first detects a Parallel Program Strobe pulse or a Security Set Strobe pulse while in
the Program Load Mode following a Power-On Reset, the internal hardware of the DS5000(T) is
initialized so that an existing 4-kbyte program can be programmed into a DS5000(T) with little or no
modification. This initialization automatically sets the Range Address for 8 kbytes and maps the lowest 4-
kbyte bank of Embedded RAM as program memory. The next 4 kbytes of Embedded RAM are mapped
as Data Memory.
In order to program more than 4 kbytes of program code, the Program/Verify Expanded cycles can be
used. Up to 32 kbytes of program code can be entered and verified. Note that the expanded 32-kbyte
Program/ Verify cycles take much longer than the normal 4-kbyte Program/Verify cycles.


Número de pieza similar - DS5000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
937Kb / 18P
   Soft Microcontroller
DS5000 DALLAS-DS5000 Datasheet
100Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000-32-12 DALLAS-DS5000-32-12 Datasheet
937Kb / 18P
   Soft Microcontroller
More results

Descripción similar - DS5000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com