Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APHBM2012LQBDCGKC Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No. de pieza APHBM2012LQBDCGKC
Descripción Electrónicos  2.0 x 1.25 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Página de inicio  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APHBM2012LQBDCGKC Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APHBM2012LQBDCGKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDCGKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDCGKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDCGKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO4528 / 1203015144 Rev No: V.2B Date: 07/06/2017
Page 3 / 4
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Blue
Wavelength (nm)
Green
RELATIVE INTENSITY vs. WAVELENGTH
BLUE
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
APHBM2012LQBDCGKC
GREEN
0
2
4
6
8
10
1.7
1.8
1.9
2.0
2.1
2.2
Ta = 25 °C
Forward voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
02
468
10
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
0
2
4
6
8
10
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Ta = 25 °C
Forward voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
024
68
10
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 406080 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature


Número de pieza similar - APHBM2012LQBDCGKC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
APHBM2012LQBDCGKC KINGBRIGHT-APHBM2012LQBDCGKC Datasheet
309Kb / 6P
   Low power consumption
More results

Descripción similar - APHBM2012LQBDCGKC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APHCM2012ZGCK-F01 TO-GRACE-APHCM2012ZGCK-F01 Datasheet
842Kb / 4P
   2.0 x 1.25 mm SMD CHIP LED LAMP
APT2012LSECK-J4-PRV TO-GRACE-APT2012LSECK-J4-PRV Datasheet
789Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SGC TO-GRACE-APT2012SGC Datasheet
794Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SURCK TO-GRACE-APT2012SURCK Datasheet
799Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LVBC-D TO-GRACE-APTD2012LVBC-D Datasheet
917Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
KPHBM-2012SURKCGKC TO-GRACE-KPHBM-2012SURKCGKC Datasheet
970Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com