Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2165 Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de pieza MAX2165
Descripción Electrónicos  Single-Conversion DVB-H Tuner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2165 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2165 Datasheet HTML 2Page - Maxim Integrated Products MAX2165 Datasheet HTML 3Page - Maxim Integrated Products MAX2165 Datasheet HTML 4Page - Maxim Integrated Products MAX2165 Datasheet HTML 5Page - Maxim Integrated Products MAX2165 Datasheet HTML 6Page - Maxim Integrated Products MAX2165 Datasheet HTML 7Page - Maxim Integrated Products MAX2165 Datasheet HTML 8Page - Maxim Integrated Products MAX2165 Datasheet HTML 9Page - Maxim Integrated Products MAX2165 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Single-Conversion DVB-H Tuner
6
_______________________________________________________________________________________
RF INPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
860
40
35
20
15
0
ZO = 75Ω
795
730
665
600
535
470
TRACKING FILTER SETTING "7"
TRACKING FILTER SETTING "15"
TRACKING FILTER SETTING "1"
30
25
10
5
FREQUENCY (MHz)
3.0
3.5
4.0
4.5
5.0
5.5
-25
-15
-10
0
5
NORMALIZED BASEBAND
FREQUENCY RESPONSE
-5
-20
-30
A
B
C
D
E
A
F
G
H
I
A: +2 ADJUSTMENT FACTOR
B: +1 ADJUSTMENT FACTOR
C: 0 ADJUSTMENT FACTOR
D: -1 ADJUSTMENT FACTOR
E: -2 ADJUSTMENT FACTOR
F: -3 ADJUSTMENT FACTOR
G: -4 ADJUSTMENT FACTOR
H: -5 ADJUSTMENT FACTOR
I: -6 ADJUSTMENT FACTOR
NORMALIZED BASEBAND
FREQUENCY RESPONSE
FREQUENCY (MHz)
02
4
20
-40.0
-30.0
-20.0
-10.0
0
10.0
-50.0
-60.0
-70.0
-80.0
-90.0
-110.0
18
16
14
12
10
8
6
-100.0
-6 ADJUSTMENT FACTOR
+0 ADJUSTMENT FACTOR
+2 ADJUSTMENT FACTOR
VOLTAGE GAIN vs. BBAGC
BB_AGC CONTROL VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
30
40
50
60
70
80
90
RF_AGC = 2.3V
TA = +85
°C
TA = -40
°C
TA = +25
°C
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
470
535
600
665
730
795
860
0
3
6
9
12
TA = +85
°C
TA = +25
°C
TA = -40
°C
NOISE FIGURE vs. RF Tx INPUT POWER
RF Tx INPUT POWER (dBm)
-7.5 -5.0
0
5
10
15
20
BLOCKER AT 880MHz
-10.0
-12.5
-15.0
-22.5
-25.0
-20.0 -17.5
PHASE NOISE vs. RF FREQUENCY
RF FREQUENCY (MHz)
470
535
600
665
730
795
860
-110
-100
-90
-80
-70
-60
10kHz OFFSET
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (kHz)
-120
-110
-100
-90
-80
-70
-60
-50
1
10
100
1000
10,000
-130
-140
-150
-160
Typical Operating Characteristics (continued)
(MAX2165 EV kit, VCC = +2.85V, default register settings, VRF_AGC = VBB_AGC = 2.3V, VIOUT = VQOUT = 500mVP-P, TA = +25°C,
unless otherwise noted.)


Número de pieza similar - MAX2165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
369Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/06
MAX2165EVKIT MAXIM-MAX2165EVKIT Datasheet
369Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/06
MAX2165EVKIT++ MAXIM-MAX2165EVKIT+ Datasheet
369Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/06
More results

Descripción similar - MAX2165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Maxim Integrated Produc...
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com