Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2390ETI Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de pieza MAX2390ETI
Descripción Electrónicos  W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2390ETI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2390ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(Devices tested on their respective evaluation kits (EV kits); LNA input port is driven with a 50
Ω source; LNA output port is terminated
with 50
Ω load, mixer differential input port is driven through a 1:4 impedance balun with a 50Ω source; baseband I/Q output differential
load = 10k
Ω || 5pF; reference oscillator input: 19.2MHz (MAX2390/MAX2391/MAX2392/MAX2393), 26MHz (MAX2401), 15.36MHz
(MAX2396/MAX2400); AGC is set to result in a 0.3VP-P differential output-voltage swing at the baseband I/Q output; registers set to
power-up defaults (Table 2); TA = -40°C to +85°C. Typical values are for VCC = 2.8V and TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ON-CHIP VCO
MAX2391/MAX2396
4220
4340
MAX2392
4020
4050
MAX2393
3800
3840
MAX2390/MAX2400
3860
3980
VCO Frequency
(VCO Range is 2x the LO Range)
fOSC
MAX2401
3610
3760
MHz
Phase Noise
ΦNAt 10MHz offset; locked (Note 3)
-139
-133
dBc/Hz
Pulling
From IDLE mode to ON mode (Note 3)
0.5
1
MHzP-P
Pushing
VCC stepped 3.3V to 2.7V (Note 3)
13
MHz/V
VCO INTERFACE TO EXTERNAL SYNTHESIZER (MAX2396/MAX2400)
MAX2396
130
300
VCO Tuning Gain
KVCO
Referred to the VCO
frequency (2x RFLO)
MAX2400
100
270
MHz/V
MAX2396
1406.67 1426.67 1446.67
VCO Output Frequency
Output to synthesizer is
fVCO / 3 = 2fRFLO / 3
MAX2400
1286.67 1306.67 1326.67
MHz
VCO Output Differential Voltage
(Note 12)
180
mVP-P
VCO Tuning Voltage Range
VTUNE
0.4
2.3
V
INTEGER-N RF SYNTHESIZER (MAX2390–MAX2393, MAX2401)
Main PLL Integer Division Ratio
15-bit register (64/65 dual-modulus prescaler),
fCOMP = 200kHz
4032
10700
32767
Reference Frequency Range
fREF
10
19.2
40
MHz
REFDIV Reference-Divider Ratio
9-bit register
16
96
511
Charge-Pump Output Current
(Sink or Source)
ICP
CONFIG:CP1 = 1, CONFIG:CP0 = 1,
VCPOUT = VCC / 2
2.0
2.5
3.0
mA
Charge-Pump Leakage Current
IL_CP
10
nA
SYSTEM TIMING
Turn-On Time Including
DC Offset Cancellation
tON
From IDLE mode to ON mode VGA set to
maximum gain with -40dBm signal at
demodulator input (Note 3)
30
60
µs
3-WIRE SERIAL INTERFACE TIMING
Data to Clock Setup
tCS
Per timing diagram
20
ns
Data to Clock Hold Time
tCH
Per timing diagram
10
ns
Clock Pulse-Width High
tCWH
Per timing diagram
20
ns
Clock Pulse-Width Low
tCWL
Per timing diagram
20
ns
Clock to Load Enable/Setup Time
tES
Per timing diagram
20
ns
Clock Frequency
20
MHz
Note 1: Logic thresholds track VSHDN. This allows the digital interface to operate with logic levels from 1.2V to VCC.
Note 2: All min and max specifications are measured over this frequency range.
Note 3: Guaranteed by design and characterization.


Número de pieza similar - MAX2390ETI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX239 MAXIM-MAX239 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX239 MAXIM-MAX239 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX239 MAXIM-MAX239 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2391EGI MAXIM-MAX2391EGI Datasheet
114Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 3, 2004
MAX2391EVKIT MAXIM-MAX2391EVKIT Datasheet
704Kb / 18P
   MAX2391/MAX2392/MAX2393 Evaluation Kits
Rev 0; 5/03
More results

Descripción similar - MAX2390ETI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
   W-CDMA-IF
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
B5227 EPCOS-B5227 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
logo
RF Micro Devices
RF7234 RFMD-RF7234 Datasheet
432Kb / 8P
   3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
   SAW IF filter W-CDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com