Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2390ETI Datasheet(PDF) 23 Page - Maxim Integrated Products

No. de pieza MAX2390ETI
Descripción Electrónicos  W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2390ETI Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX2390ETI Datasheet HTML 19Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 20Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 21Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 22Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 23Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 24Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 25Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 26Page - Maxim Integrated Products MAX2390ETI Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
______________________________________________________________________________________
23
W-CDMA FDD Receiver Operating Circuit (MAX2390/MAX2391/MAX2401)
28
27
26
21
DAC
MAX5383 (6-PIN SOT)
(OPTIONAL EXTERNAL AGC DAC,
USES 3-WIRE INTERFACE)
20
19
1
2
3
18
4
17
16
5
6
15
7
25
24
23
22
89
10
11
12
13
14
Q-
Q+
AGC
SHDN
LD
REFIN
TCXO
19.2MHz (MAX2390/MAX2391)
26MHz (MAX2401)
VCC
VCC
RF+
RF-
+2.8V
+2.8V
BIAS
VCC
G_LNA
LNA_OUT
Tx (FROM PA)
TANK
MAX2390/MAX2391
MAX2401
INTEGER-N
PLL
SERIAL
INTERFACE
/2
LNA
Rx
+2.8V
+2.8V
+2.8V
+2.8V
DAC CS


Número de pieza similar - MAX2390ETI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX239 MAXIM-MAX239 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX239 MAXIM-MAX239 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX239 MAXIM-MAX239 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2391EGI MAXIM-MAX2391EGI Datasheet
114Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 3, 2004
MAX2391EVKIT MAXIM-MAX2391EVKIT Datasheet
704Kb / 18P
   MAX2391/MAX2392/MAX2393 Evaluation Kits
Rev 0; 5/03
More results

Descripción similar - MAX2390ETI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
   W-CDMA-IF
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
B5227 EPCOS-B5227 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
logo
RF Micro Devices
RF7234 RFMD-RF7234 Datasheet
432Kb / 8P
   3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
   SAW IF filter W-CDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com