Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX2852 Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
MAX2852 Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 27 page Note 1: The MAX2852 is production tested at TA = +25°C; minimum/maximum limits at TA = +25°C are guaranteed by test, unless specified otherwise. Minimum/maximum limits at TA = -25°C and +85°C are guaranteed by design and characterization. There is no power-on register settings self-reset; recommended register settings must be loaded after VCC is applied. Note 2: For optimal Rx quadrature accuracy over temperature, the user can utilize the Rx calibration circuit to assist quadrature cali- bration. (Operating conditions, unless otherwise specified: VCC = 2.7V~3.6V, frequency = 5.35GHz, TA = -25°C to +85°C. Reference frequency = 40MHz, ENABLE = high, CS = high, SCLK = DIN = low. Typical values measured at VCC = 2.85V, TA = +25°C, LO frequency = 5.35GHz, TA = +25°C.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS SCLK Pulse-Width High tCH 6 ns SCLK Pulse-Width Low tCL 6 ns Last Rising Edge of SCLK to Rising Edge of CS or Clock to Load Enable Setup Time tCSH 6 ns CS High Pulse Width tCSW 50 ns Time Between Rising Edge of CS and the Next Rising Edge of SCLK tCS1 6 ns SCLK Frequency fCLK 40 MHz Rise Time tR 2.5 ns Fall Time tF 2.5 ns SCLK Falling Edge to Valid DOUT tD 12.5 ns AC Electrical Characteristics—Timing (continued) MAX2852 5GHz Receiver www.maximintegrated.com Maxim Integrated │ 8 |
Número de pieza similar - MAX2852 |
|
Descripción similar - MAX2852 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |