Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C317C104Z5U5TA7303 Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza C317C104Z5U5TA7303
Descripción Electrónicos  GoldMax 300 Comm Z5U, Ceramic, 0.1 uF, -20/80%, 50 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C104Z5U5TA7303 Datasheet(HTML) 1 Page - Kemet Corporation

  C317C104Z5U5TA7303 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C317C104Z5U5TA7303
(C317C104Z5U5TATR)
GoldMax 300 Comm Z5U, Ceramic, 0.1 uF, -20/+80%, 50 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
Dimensions
L
3.81mm MAX
H
5.08mm MAX
T
2.54mm MAX
S
5.08mm +/-0.78mm
H0
18mm MIN
F
0.51mm +0.1/-0.025mm
Packaging Specifications
Packaging: T&R, 305mm
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: GoldMax 300 Comm Z5U
Style: Radial
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: -20/+80%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -10/+85C
Temperature Coefficient: Z5U
Dissipation Factor: 4.00% 25C
Aging Rate: 7% Loss/Decade Hour
Insulation Resistance: 1 GOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 2/25/2019 - f3dbb9f1-3a99-4a31-8593-43a1164bea2f


Número de pieza similar - C317C104Z5U5TA7303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
C317C104K1R5TA7303 KEMET-C317C104K1R5TA7303 Datasheet
64Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.1 uF, 10%, 100 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C104K5R5TA7301 KEMET-C317C104K5R5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.1 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
C317C104K5R5TA7303 KEMET-C317C104K5R5TA7303 Datasheet
64Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.1 uF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C104K5R5TA91707303 KEMET-C317C104K5R5TA91707303 Datasheet
65Kb / 1P
   GoldMax 300 Auto X7R, Ceramic, 0.1 uF, 10%, 50 VDC, X7R, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Descripción similar - C317C104Z5U5TA7303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
C317C104M5U5TA7303 KEMET-C317C104M5U5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.1 uF, 20%, 50 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C474M5U5TA7303 KEMET-C317C474M5U5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.47 uF, 20%, 50 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C334M5U5TA7303 KEMET-C317C334M5U5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.33 uF, 20%, 50 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C224M5U5TA7303 KEMET-C317C224M5U5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.22 uF, 20%, 50 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C103M5U5TA KEMET-C317C103M5U5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.01 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C103M1U5TA KEMET-C317C103M1U5TA Datasheet
60Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.01 uF, 20%, 100 VDC, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C320C224M5U5TA KEMET-C320C224M5U5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.22 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C330C684M5U5TA KEMET-C330C684M5U5TA Datasheet
59Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.68 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C324C104M5U5TA KEMET-C324C104M5U5TA Datasheet
58Kb / 1P
   Ceramic, GoldMax, 0.1 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C104M5U5TA KEMET-C320C104M5U5TA Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.1 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com