Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6660EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de pieza MAX6660EVKIT
Descripción Electrónicos  MAX6660 Evaluation System/Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6660EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6660EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Quick Start
Required Equipment
Before you begin, the following equipment is needed:
• Computer running Windows 95, 98, or 2000 (Note:
Windows 2000 requires the installation of a driver;
refer to Win2000.pdf or Win2000.txt located on the
diskette.)
• Parallel printer port (this is a 25-pin socket on the
back of the computer)
• Standard 25-pin, straight-through, male-to-female
cable (printer extension cable) to connect the com-
puter’s parallel port to the Maxim SMBus interface
board
• DC power supply capable of supplying any voltage
between 7V and 20V at 100mA
• 500mA DC power supply rated at 5V or 12V,
depending on the fan
• DC power supply capable of supplying 5V at 50mA
• 5V or 12V fan rated up to 250mA with a tachometer
output
Procedure
1) Carefully connect the boards by aligning the 20-pin
connector of the MAX6660 EV kit with the 20-pin
header of the MAXSMBUS interface board. Gently
press them together.
2) Make sure switch S1 on the MAX6660 EV kit is in
the OFF position.
3) Make sure JU3 is set to the 1-2 position.
4) Connect a fan to either J2 or the pads FAN+, FAN-,
and TACH.
5) Connect a cable from the computer’s parallel port
to the SMBus interface board. Use a straight-
through 25-pin female-to-male cable. To avoid
damaging the EV kit or your computer, do not use a
25-pin SCSI port or any other connector that is
physically similar to the 25-pin parallel printer port.
6) The MAX6660.EXE software program can be run
from the floppy or hard drive. Use the Windows pro-
gram manager to run the program. If desired, you
may use the INSTALL.EXE program to copy the files
and create icons for them in the Windows 95/98/2000
Start menu. An uninstall program is included with the
software. Click on the UNINSTALL icon to remove
the EV kit software from the hard drive.
Do not turn on the power until all connections
are made.
7) Connect the fan power supply to the VFAN and
PGND pads.
8) Connect the 7V to 20V power supply to the pads
labeled POS9 and GND1 of the SMBus interface
board.
9) Connect the 5V power supply to the VCC and
AGND pads.
10) Turn on the power supplies.
11) Turn on the EV kit by moving S1 to the ON position.
12) Start the MAX6660 program by opening its icon in
the Start menu.
13) Observe as the program automatically detects the
address of the MAX6660 and starts the main program.
Note: The MAX6660 reads the address select pins at
device power-up only.
Detailed Description
User-Interface Panel
The user interface is easy to operate; use the mouse, or
press the Tab key to navigate with the arrow keys. Each
of the buttons corresponds to bits in the command and
configuration bytes. By clicking on them, the correct
SMBus write operation is generated to update the inter-
nal registers.
MAX6660 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
FAX
WEBSITE
Central Semiconductor
515-435-1110
515-435-1824
www.centralsemi.com
Diodes Inc.
805-446-4800
805-381-3899
www.diodes.com
Fairchild
888-522-5372
www.fairchildsemi.com
General Semiconductor
760-804-9258
760-804-9259
www.gensemi.com
Murata
770-436-1300
770-436-3030
www.murata.com
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Note: Please indicate you are using the MAX6660 when contacting these component suppliers.


Número de pieza similar - MAX6660EVKIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6660 MAXIM-MAX6660 Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
MAX6660 MAXIM-MAX6660_V01 Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
More results

Descripción similar - MAX6660EVKIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
   MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com