Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6774 Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de pieza MAX6774
Descripción Electrónicos  MAX6765 Evaluation Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6774 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6774 Datasheet HTML 1Page - Maxim Integrated Products MAX6774 Datasheet HTML 2Page - Maxim Integrated Products MAX6774 Datasheet HTML 3Page - Maxim Integrated Products MAX6774 Datasheet HTML 4Page - Maxim Integrated Products MAX6774 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
An adjustable output power supply capable of sup-
plying at least 12V at 100mA
Procedure
The MAX6765 EV kit is fully assembled and tested.
Follow the steps below to verify board operation:
1) Ensure that jumpers J1, J4, and J6 are shorted.
2) Connect the power supply to the IN and GND
connections.
3) Set the power supply output to 12V and observe LED1.
Detailed Description
The MAX6765 operates from 4V to 72V and provides a
fixed or adjustable regulator output. The regulator can
source 100mA, subject to thermal dissipation limits.
Table 1 lists the function of each jumper on the EV kit.
Voltage Regulator Output
OUT provides a regulated voltage at 5V.
Reset Timeout
The reset output remains asserted for a certain minimum
period, which is controlled by jumper J6. If J6 is shorted,
the reset period is the default of 12.5ms. If J6 is open,
capacitor C4 sets the timeout period to 26.8ms, but this
can easily be changed using the following equation:
where tRP is in seconds and C4 is in farads. Refer to the
MAX6765-MAX6774 IC data sheet for more information
on capacitor selection.
tC
x
V
A
RP =
⎝⎜
⎠⎟
4
6
122 10
.
MAX6765 Evaluation Kit
2
_______________________________________________________________________________________
JUMPER
POSITION
FUNCTION
Open
Regulator disabled
J1
Closed*
Regulator enabled
Open
Hold mode disabled
J2 (MAX6767/
MAX6768 only)
Closed
Hold mode enabled
Open
ENABLE2 low
J3 (MAX6771/
MAX6772 only)
Closed
ENABLE2 high
Open
LED1 disabled
J4
Closed*
LED1 enabled
1-2
Regulator voltage set by
R5 and R6
J5 (MAX6767–
MAX6774 only)
2-3
Regulator voltage fixed
Open
Reset timeout set by C4
to 26.8ms
J6
Closed*
Reset timeout fixed at 12.5ms
Table 1. Jumper Functions (J1–J6)
*
Default position.


Número de pieza similar - MAX6774

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6774 MAXIM-MAX6774 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6774 MAXIM-MAX6774 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6774 MAXIM-MAX6774 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6774 MAXIM-MAX6774 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6774 MAXIM-MAX6774 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
More results

Descripción similar - MAX6774

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com