Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD5F1GQ4REFFS Datasheet(PDF) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD5F1GQ4REFFS
Descripción Electrónicos  SPI(x1/x2/x4) NAND Flash
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFFS Datasheet(HTML) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFFS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFFS Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
30
10 PROGRAM OPERATIONS
10.1 Page Program
The PAGE PROGRAM operation sequence programs 1 byte to 2176 bytes of data within a page. The page program
sequence is as follows:
• 02H (PROGRAM LOAD)/32H (PROGRAM LOAD x4)
• 06H (WRITE ENABLE)
• 10H (PROGRAM EXECUTE)
• 0FH (GET FEATURE command to read the status)
Firstly, a PROGRAM LOAD (02H/32H) command is issued. PROGRAM LOAD consists of an 8-bit Op code, followed by 4
dummy bits and a 12-bit column address, then the data bytes to be programmed. The data bytes are loaded into a cache
register that is 2176 bytes long. If more than 2176 bytes are loaded, then those additional bytes are ignored by the cache
register. The command sequence ends when CS# goes from LOW to HIGH. Figure10-1 shows the PROGRAM LOAD
operation. Secondly, prior to performing the PROGRAM EXECUTE operation, a WRITE ENABLE (06H) command must
be issued. As with any command that changes the memory contents, the WRITE ENABLE must be executed in order to
set the WEL bit. If this command is not issued, then the rest of the program sequence is ignored.
Note:
1.
The contents
of Cache Register doesn’t reset when Program Load (02h) command, Program Random Load (84h)
command and RESET (FFh) command.
2.
When Program Execute (10h) command was issued just after Program Load (02h) command, SPI-NAND controller
outputs 0xFF data to the NAND for the address that data was not loaded by Program Load (02h) command.
3.
When Program Execute (10h) command was issued just after Program Load Random Data (84h) command,
SPI-NAND controller outputs contents of Cache Register to the NAND.
4.
The addressing should be done in sequential order in a block.


Número de pieza similar - GD5F1GQ4REFFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F1GQ4REFFG GIGADEVICE-GD5F1GQ4REFFG Datasheet
1Mb / 53P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFFH GIGADEVICE-GD5F1GQ4REFFH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
More results

Descripción similar - GD5F1GQ4REFFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIG GIGADEVICE-GD5F1GQ4REFIG Datasheet
1Mb / 53P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com