Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD5F1GQ4UEYIG Datasheet(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD5F1GQ4UEYIG
Descripción Electrónicos  SPI(x1/x2/x4) NAND Flash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4UEYIG Datasheet(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4UEYIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4UEYIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
47
Figure21-2. SOP16 300MIL
D
E
E1
A
A2
A1
b
e
“A”
L1
L
θ
b
c
Base Metal
Detail
“A”
h
h
Dimensions
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
h
θ
Unit
mm
Min
-
0.10
2.05
0.31
0.10
10.20
10.10
7.40
1.27
0.40
1.40
0.25
0
Nom
-
0.20
-
0.41
0.25
10.30
10.30
7.50
-
-
5
Max
2.65
0.30
2.55
0.51
0.33
10.40
10.50
7.60
1.27
0.75
8
Inch
Min
-
0.004
0.081
0.012
0.004
0.402
0.398
0.291
0.05
0.016
0.055
0.010
0
Nom
-
0.008
-
0.016
0.010
0.406
0.406
0.295
-
0.197
Max
0.104
0.012
0.100
0.020
0.013
0.409
0.413
0.299
0.05
0.030
0.315
Note:
1. Both the package length and width do not include the mold flash.
2. Seating plane: Max. 0.1mm.


Número de pieza similar - GD5F1GQ4UEYIG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F1GQ4UEYIH GIGADEVICE-GD5F1GQ4UEYIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4UEYIS GIGADEVICE-GD5F1GQ4UEYIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
More results

Descripción similar - GD5F1GQ4UEYIG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com