Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD5F1GQ4RF9IH Datasheet(PDF) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD5F1GQ4RF9IH
Descripción Electrónicos  SPI(x1/x2/x4) NAND Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RF9IH Datasheet(HTML) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4RF9IH Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RF9IH Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
SPI(x1/x2/x4) NAND Flash
1G
11
5
DEVICE OPERATION
5.1 SPI Modes
SPI NAND supports two SPI modes:
• CPOL = 0, CPHA = 0 (Mode 0)
• CPOL = 1, CPHA = 1 (Mode 3)
Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK for both modes. All timing
diagrams shown in this data sheet are mode 0. See Figure5-1 for more details.
Figure5-1. SPI Modes Sequence Diagram
CS#
SCLK
SCLK
SI
SO
CPOL CPHA
0
0
1
1
MSB
LSB
MSB
LSB
Note: While CS# is HIGH, keep SCLK at VCC or GND (determined by mode 0 or mode 3).
Standard SPI
SPI NAND Flash features a standard serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#),
Serial Data Input (SI) and Serial Data Output (SO).
Dual SPI
SPI NAND Flash supports Dual SPI operation when using the x2 and dual IO commands. These commands allow
data to be transferred to or from the device at two times the rate of the standard SPI. When using the Dual SPI command
the SI and SO pins become bidirectional I/O pins: SIO0 and SIO1.
Quad SPI
SPI NAND Flash supports Quad SPI operation when using the x4 and Quad IO commands. These commands allow
data to be transferred to or from the device at four times the rate of the standard SPI. When using the Quad SPI command
the SI and SO pins become bidirectional I/O pins: SIO0 and SIO1, and WP# and HOLD# pins become SIO2 and SIO3.


Número de pieza similar - GD5F1GQ4RF9IH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F1GQ4RF9IG GIGADEVICE-GD5F1GQ4RF9IG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RF9IS GIGADEVICE-GD5F1GQ4RF9IS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
More results

Descripción similar - GD5F1GQ4RF9IH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIG GIGADEVICE-GD5F1GQ4REFIG Datasheet
1Mb / 53P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com