Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD5F2GQ4RFZIS Datasheet(PDF) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD5F2GQ4RFZIS
Descripción Electrónicos  SPI(x1/x2/x4) NAND Flash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RFZIS Datasheet(HTML) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RFZIS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
42
14.3 Status Register and Driver Register
The NAND Flash device has a 16-bit status register that software can read during the device operation for operation state
query. The status register can be read by issuing the GET FEATURES (0FH)command, followed by the feature address
C0h (see FEATURE OPERATION). The Output Driver Register can be set and read by issuing the SET FEATURE (0FH)
and GET FEATURE command followed by the feature address D0h (see FEATURE OPERATION)..
Table14-2. Status Register Bit Descriptions
Bit
Bit Name
Description
P_FAIL
Program
Fail
This bit indicates that a program failure has occurred (P_FAIL set to 1). It will also be
set if the user attempts to program an invalid address or a protected region, including
the OTP area. This bit is cleared during the PROGRAM EXECUTE command
sequence or a RESET command (P_FAIL = 0).
E_FAIL
Erase Fail
This bit indicates that an erase failure has occurred (E_FAIL set to 1). It will also be
set if the user attempts to erase a locked region. This bit is cleared (E_FAIL = 0) at
the start of the BLOCK ERASE command sequence or the RESET command.
WEL
Write
Enable
Latch
This bit indicates the current status of the write enable latch (WEL) and must be set
(WEL = 1), prior to issuing a PROGRAM EXECUTE or BLOCK ERASE command. It
is set by issuing the WRITE ENABLE command. WEL can also be disabled (WEL =
0), by issuing the WRITE DISABLE command.
OIP
Operation
In Progress
This bit is set (OIP = 1 ) when a PROGRAM EXECUTE, PAGE READ, BLOCK
ERASE, or RESET command is executing, indicating the device is busy. When the bit
is 0, the interface is in the ready state.
ECCS2~ECCS0
ECC Status
ECCS2~ECCS0 provides ECC status as the following table.
Table14-3. ECC Status
ECCS2
ECCS1
ECCS0
Description
0
0
0
No bit errors were detected during the previous read algorithm.
0
0
1
Bit errors(<3) were detected and corrected.
0
1
0
Bit errors(=4) were detected and corrected.
0
1
1
Bit errors(=5) were detected and corrected.
1
0
0
Bit errors(=6) were detected and corrected.
1
0
1
Bit errors(=7) were detected and corrected.
1
1
0
Bit errors(=8) were detected and corrected.
1
1
1
Bit errors>8, error exceeded. And cannot be corrected.


Número de pieza similar - GD5F2GQ4RFZIS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
More results

Descripción similar - GD5F2GQ4RFZIS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIG GIGADEVICE-GD5F1GQ4REFIG Datasheet
1Mb / 53P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com