Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD9FU1G6F2AMG Datasheet(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD9FU1G6F2AMG
Descripción Electrónicos  Single level cell technology
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G6F2AMG Datasheet(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G6F2AMG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
GD9Fx1GxF2A
52
14. Part Numbering Information
GD 9F U 1G 8 F 2 A M G I
1
2
3
4
5 6
7
8
9
10 11
1.
GD
2.
Memory Type
9F: Parallel NAND
3.
Power Supply
VCCQ
VCC
U
2.7v ~ 3.6v
2.7v ~ 3.6v
S
1.7v ~ 1.95v
1.7v ~ 1.95v
4.
Density:
12: 128Mb
25: 256Mb
51: 512Mb
1G: 1Gb
2G: 2Gb
4G: 4Gb
8G: 8Gb
AG: 16Gb
BG: 32Gb
CG: 64Gb
DG: 128Gb
EG: 256Gb
FG: 512Gb
HG: 1Tb
5.
Organization
8:
x8
6:
x16
6.
NAND Type:
F:
SLC, 1Die, 1nCE, 1Rnb
T:
TLC; 1Die, 1nCE, 1Rnb
U:
TLC; 2Die, 1nCE, 1Rnb
V:
TLC; 4Die, 1nCE, 1Rnb
7.
Function Mode:
2:
Sequential Row Read Disable;
8.
Process Generation:
A:
1st
B:
2nd
9.
Package
M: TSOPI-48
L:
FBGA-63
D:
FBGA-48
W: Wafer
10. Package Material & Packing
G:
Lead & Halogen Free
W: Wafer
11. Temperature Grade
I:
Industrial (-40C ~ 85C)
F:
Industrial+ (-40C ~ 85C)
J:
Industrial (-40C ~ 105C)
Note: (1) F: Industrial+, Full Function Test for Automotive
application and No AECQ


Número de pieza similar - GD9FU1G6F2AMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GD9-15 ETC2-GD9-15 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-15 LSTD-GD9-15 Datasheet
775Kb / 2P
   Rugged and waterproof
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
   Low wind loading patented wire grid design
logo
List of Unclassifed Man...
GD9-DC15 ETC2-GD9-DC15 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-DC15 LSTD-GD9-DC15 Datasheet
1Mb / 2P
   NLOS Die-Cast Antenna
More results

Descripción similar - GD9FU1G6F2AMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
logo
Panasonic Battery Group
FX PANASONICBATTERY-FX Datasheet
203Kb / 1P
   Industrial SLC (Single Level Cell) NAND with Reliable Panasonic Controller
logo
Texas Instruments
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Bruckewell Technology L...
MS40N06 BWTECH-MS40N06 Datasheet
585Kb / 8P
   Advanced high cell density Trench technology
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
logo
International Rectifier
AUIRLR3705Z IRF-AUIRLR3705Z Datasheet
292Kb / 13P
   Logic Level Advanced Process Technology
AUIRL3705Z IRF-AUIRL3705Z Datasheet
384Kb / 15P
   Logic Level Advanced Process Technology
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
   PRECISION SINGLE CELL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com