Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD25D80COJG Datasheet(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD25D80COJG
Descripción Electrónicos  3.3V Uniform Sector Standard and Dual Serial Flash
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D80COJG Datasheet(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25D80COJG Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80COJG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D80C
3
10.4.
PACKAGE USON8 (1.5*1.5MM) .............................................................................................................39
10.5.
PACKAGE USON8 (3*2MM, THICKNESS 0.45MM) ....................................................................................40
11.
REVISION HISTORY..............................................................................................................................41


Número de pieza similar - GD25D80COJG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD25D80C GIGADEVICE-GD25D80C Datasheet
4Mb / 28P
   MCU
More results

Descripción similar - GD25D80COJG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD25D20C GIGADEVICE-GD25D20C Datasheet
830Kb / 43P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D05C GIGADEVICE-GD25D05C Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25LD05C GIGADEVICE-GD25LD05C Datasheet
890Kb / 42P
   Uniform Sector Standard and Dual Serial Flash
GD25WD20C GIGADEVICE-GD25WD20C Datasheet
870Kb / 49P
   Uniform Sector Standard and Dual Serial Flash
GD25WD80C GIGADEVICE-GD25WD80C Datasheet
883Kb / 47P
   Uniform Sector Standard and Dual Serial Flash
GD25WD05C GIGADEVICE-GD25WD05C Datasheet
896Kb / 43P
   Uniform Sector Standard and Dual Serial Flash
GD25LD20C GIGADEVICE-GD25LD20C Datasheet
963Kb / 46P
   Uniform Sector Standard and Dual Serial Flash
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com