Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD25D20CSJG Datasheet(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD25D20CSJG
Descripción Electrónicos  3.3V Uniform Sector Standard and Dual Serial Flash
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D20CSJG Datasheet(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D20CSJG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D20CSJG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D40C/20C
34
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25D40CTIG
4Mbit
SOP8 150mil
GD25D20CTIG
2Mbit
GD25D40CSIG
4Mbit
SOP8 208mil
GD25D20CSIG
2Mbit
GD25D40COIG
4Mbit
TSSOP8 173mil
GD25D20COIG
2Mbit
GD25D40CKIG
4Mbit
USON8 (1.5x1.5mm)
GD25D20CKIG
2Mbit
GD25D40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25D20CEIG
2Mbit
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25D40CTJG
4Mbit
SOP8 150mil
GD25D20CTJG
2Mbit
GD25D40CSJG
4Mbit
SOP8 208mil
GD25D20CSJG
2Mbit
GD25D40COJG
4Mbit
TSSOP8 173mil
GD25D20COJG
2Mbit
GD25D40CKJG
4Mbit
USON8 (1.5x1.5mm)
GD25D20CKJG
2Mbit
GD25D40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25D20CEJG
2Mbit


Número de pieza similar - GD25D20CSJG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD25D20C GIGADEVICE-GD25D20C Datasheet
4Mb / 28P
   MCU
More results

Descripción similar - GD25D20CSJG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GigaDevice Semiconducto...
GD25D80C GIGADEVICE-GD25D80C Datasheet
741Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D05C GIGADEVICE-GD25D05C Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25LD05C GIGADEVICE-GD25LD05C Datasheet
890Kb / 42P
   Uniform Sector Standard and Dual Serial Flash
GD25WD20C GIGADEVICE-GD25WD20C Datasheet
870Kb / 49P
   Uniform Sector Standard and Dual Serial Flash
GD25WD80C GIGADEVICE-GD25WD80C Datasheet
883Kb / 47P
   Uniform Sector Standard and Dual Serial Flash
GD25WD05C GIGADEVICE-GD25WD05C Datasheet
896Kb / 43P
   Uniform Sector Standard and Dual Serial Flash
GD25LD20C GIGADEVICE-GD25LD20C Datasheet
963Kb / 46P
   Uniform Sector Standard and Dual Serial Flash
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com