Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MURH10020R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de pieza MURH10020R
Descripción Electrónicos  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MURH10020R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MURH10020R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MURH10020R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MURH10020R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 200 V
IF(AV) = 100 A
Features
• High Surge Capability
D-67 Package
• Types from 50 V to 200 V V
RRM
• Not ESD Sensitive
Parameter
Symbol
MURH10005(R)
MURH10010(R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MURH10005(R)
MURH10010(R)
Unit
Average forward current (per
pkg)
IF(AV)
100
100
A
Peak forward surge current
IFSM
2000
2000
A
Maximum instantaneous
forward voltage
1.0
1.0
25
25
μA
3
3
mA
Maximum reverse recovery time
Trr
75
75
nS
Thermal characteristics
Maximum thermal resistance,
junction - case
RΘJC
0.45
0.45
°C/W
-55 to 150
1.0
MURH10020(R)
3
Tj = 25 °C
0.45
75
MURH10005 thru MURH10020R
Tj = 125 °C
IFM = 100 A, Tj = 25 °C
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
MURH10020(R)
200
140
200
Silicon Super Fast
Recovery Diode
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
TC = 140 °C
100
tp = 8.3 ms, half sine
2000
VF
V
Maximum reverse current at
rated DC blocking voltage
IR
25
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/murh10005.pdf


Número de pieza similar - MURH10020R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
MURH10020R GENESIC-MURH10020R Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
More results

Descripción similar - MURH10020R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30040 GENESIC-MURF30040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
   Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURT20005 GENESIC-MURT20005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURT30005 GENESIC-MURT30005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA20020 GENESIC-MURTA20020 Datasheet
425Kb / 3P
   Silicon Super Fast Recovery Diode
UFT10005 GENESIC-UFT10005 Datasheet
330Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA40060 GENESIC-MURTA40060 Datasheet
422Kb / 4P
   Silicon Super Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com