Nombre de pieza
         Descripción
OM7620ST

 1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR ( 4 Page)


ETC1
100% 
Zoom Out Zoom In
   
 4 page
background image
3.3
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM7620ST
TYPICAL APPLICATIONS
+25V
VIN
Adjust
OM7620ST
VOUT R1
VO
IO
1.25
VIN
100
R2
Vss*
2N5640
* To provide current limiting of I
O to the
system ground, the source of the FET
must be tied to a negative voltage
below -1.25 V.
VREF
VREF
R2
R1 =
IDSS
IOmax + IDSS
VO < BVDSS + 1.25 V + VSS
ILmin – IDSS < IO < 1.5 A
As shown 0 < IO < 1 A
ADJUSTABLE CURRENT LIMITER
D1
VIN
VOUT
OM7620ST
1N4002
1.0µF
MPS2222
TTL
Control
1 K
720
Adjust
120
Minimum
VOUT = 1.25 V
D1 protects the device during an input short circuit.
5 V ELECTRONIC SHUT DOWN REGULATOR
VIN
VOUT
OM7620ST
Adjust
R2
MPS2907
50 K
240
IN4001
+
10 µF
(VREF) + IAdj
1.25 V
IOUT =
@
R1
R1
10mA IOUT 1.5 A
VIN
VOUT
Adjust
R1
IOUT
IAdj
OM7620ST
SLOW TURN-ON CURRENT
CURRENT REGULATOR
123
Tab
Isolated
Non-Isolated
Front View
Front View
Pin 1 - Adjust
Pin 1 - Adjust
Pin 2 - Output
Pin 2 - Output
Pin 3 - Input
Pin 3 - Input
Tab
- Isolated
Tab
- Output
CONNECTION DIAGRAM
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
NOTES
• Case is metal/hermetically sealed
• Isolated Tab
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
COM117HVTCOMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR HIGH VOLTAGE 1 2 List of Unclassifed Manufacturers
OM7654SMSURFACE MOUNT 1.5 AMP HIGH VOLTAGE POSITIVE AND NEGATIVE ADJUSTABLE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
IP1171.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1 2 3 4 Seme LAB
OM7646SMSURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR 1 2 List of Unclassifed Manufacturers
OM1320STM1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 1 2 3 4 List of Unclassifed Manufacturers
OMR117100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OM1321SMM1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1 2 3 4 List of Unclassifed Manufacturers
COM117T COTS COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE 1 2 List of Unclassifed Manufacturers
OM7612ST1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
IP137A1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 Seme LAB

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl