Nombre de pieza
         Descripción
SDS142WA

 Switching Diode ( 3 Page)


AUK
100% 
Zoom Out Zoom In
   
 1 page
background image
KSD-3003-000
1
SDS142WA
Switching Diode
Features
•••• SMD package : SOT-323
• Low forward voltage : VF=0.9V(Typ.)
• Fast reverse recovery time : trr=1.6ns(Typ.)
• Small total capacitance : CT=2.2pF(Typ.)
• Ultra high speed
Ordering Information
Type No.
Marking
Package Code
SDS142WA
A2
SOT-323
Outline Dimensions
unit : mm
PIN Connections
1. Cathode
2. Cathode
3. Anode, Anode
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
1
3
2
2.1
±0.1
1.25
±0.05
1
2
0.1 Min.
3
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BAT54WT1SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE 1 2 3 4 ON Semiconductor
MMBD6100LT1Monolithic Dual Switching Diode 1 2 3 4 5 MoreON Semiconductor
HVD133Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor
BAS216High-speed switching diode 1 2 3 4 5 MoreNXP Semiconductors
HSB88ASSilicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Hitachi Semiconductor
16FL2C41AHIGH EFFICIENCY DIODE STACK SWITCHING MODE POWER SUPPLY APPLICATION 1 2 Toshiba Semiconductor
1SS272DIODE ULTRA HIGH SPEED SWITCHING APPLICATIONS 1 2 Toshiba Semiconductor
1SS319DIODE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 Toshiba Semiconductor
1SS369DIODE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 Toshiba Semiconductor
1SS389DIODE HIGH SEPPD SWITCHING APPLICATION 1 2 Toshiba Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl