Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7WZ00FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7WZ00FK
Descripción Electrónicos  2 Input Nand Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ00FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ00FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ00FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ00FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ00FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ00FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ00FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ00FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ00FU/FK
2002-01-16
4
AC Characteristics (unless otherwise specified, Input: tr
==== tf ==== 3 ns)
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.3
9.6
2.0
9.8
2.5
± 0.2
1.2
3.2
5.3
1.2
5.7
3.3
± 0.3
0.8
2.4
3.7
0.8
4.0
CL = 15 pF, RL = 1 MW
5.0
± 0.5
0.5
1.9
2.9
0.5
3.2
3.3
± 0.3
1.2
3.0
4.6
1.2
4.9
Propagation delay time
tpLH
tpHL
CL = 50 pF, RL = 500 W
5.0
± 0.5
0.8
2.4
3.6
0.8
3.9
ns
Input capacitance
CIN
¾
0~5.5
¾
3.0
¾
¾
¾
pF
3.3
¾
22
¾
¾
¾
Power dissipation
capacitance
CPD
(Note)
5.5
¾
32
¾
¾
¾
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2


Número de pieza similar - TC7WZ00FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WZ00FK TOSHIBA-TC7WZ00FK_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7WZ00FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com